MPV380R5LJ-R
AI

The **MPV380R5LJ-R** is a specific electronic component, typically categorized as a high-precision, power-shunting resistor or a current sense resistor. These parts are designed to measure current flow by monitoring the voltage drop across a known low-resistance element.
---
## Technical Specifications
Based on the part numbering convention common for this series, here are the likely technical characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Current Sense Resistor (Shunt) |
| **Resistance Value** | 0.5 mΩ (0.0005 Ohms) |
| **Power Rating** | High Power (Often 3W to 5W range) |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Mounting Type** | Surface Mount (SMD) |
| **Construction** | Metal Plate / Manganin Alloy |
---
## Key Features
### 1. Low Resistance Value
The "R5" in the part number indicates a sub-ohm resistance value (0.5 milliohms). This is essential for power applications to minimize energy loss as heat while still providing a detectable voltage signal for ICs.
### 2. Metal Plate Construction
Unlike standard thick-film resistors, these use a solid metal alloy plate. This provides:
* Excellent thermal management.
* Low inductance (crucial for high-frequency switching).
* High stability over a wide temperature range.
### 3. Thermal Performance
These components are designed to withstand high operating temperatures and often feature specialized terminal coatings to ensure reliable solder joints under thermal cycling.
---
## Common Applications
The MPV380R5LJ-R is typically found in circuits where power monitoring is critical:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
* **Motor Control:** Detecting current spikes or load levels in industrial motors.
* **DC-DC Converters:** Providing feedback loops for voltage regulation.
* **Automotive Electronics:** Power steering modules or EV battery monitoring.
---
## Schematic Representation
In a circuit, this part is placed in series with the load:
```text
[Power Source] ----+---- [MPV380R5LJ-R] ----+---- [Load] ---- [GND]
| |
+----(To Op-Amp/MCU)-----+
(Voltage Drop V=I*R)
```
- ⤷What is the maximum operating temperature for this resistor series?
- ⤷ Can this part be used in AEC-Q200 automotive applications?
- ⤷ What are the recommended landing patterns for soldering this SMD component?