công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPV320Z2HJ-R

  • AI
    The **MPV320Z2HJ-R** is a specialized electronic assembly, typically categorized as a **Backlight Inverter Board** or a **Power Management Module** used primarily in large-format LCD displays and industrial televisions. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. General Specifications The board is designed to drive the CCFL (Cold Cathode Fluorescent Lamp) or specific LED backlighting systems in high-definition panels. | Feature | Description | | :--- | :--- | | **Component Type** | LCD Inverter / Backlight Driver Board | | **Compatibility** | Commonly found in 32-inch LCD panels (e.g., Samsung, Sony, or industrial displays) | | **Input Voltage** | Typically 12V to 24V DC | | **Output Type** | High-voltage AC (for CCFL) or regulated DC (for LED) | | **Mounting** | Multi-point screw hole grounding | --- ### 2. Key Electronic Sections The board is comprised of several critical subsystems: #### A. Power Regulation & PWM Control * **Controller IC:** Usually contains a PWM (Pulse Width Modulation) controller chip that regulates the brightness levels. * **Switching MOSFETs:** These act as electronic switches to convert DC input into the necessary high-frequency drive signals. #### B. High-Voltage Transformers * The most prominent features are the **Magnetic Transformers**. * **Function:** They step up the low-voltage DC input to several hundred (or thousand) volts required to ionize the gas in backlight lamps. #### C. Protection Circuitry * **Over-Voltage Protection (OVP):** Shuts down the board if the output voltage exceeds safe limits. * **Open-Lamp Protection:** Detects if a backlight bulb is broken or disconnected to prevent electrical arcing. #### D. Connectors 1. **Input Header:** Usually a multi-pin connector (VCC, GND, ENA/Enable, ADJ/Brightness Dimming). 2. **Output Headers:** High-isolation connectors designed to prevent sparking between the board and the lamp leads. --- ### 3. Common Failure Points If you are troubleshooting this specific part, focus on these electronic components: * **Electrolytic Capacitors:** Often bulge or leak, leading to power instability (flickering). * **Transformers:** Check for burnt windings or discoloration. * **SMD Fuses:** Located near the input connector; if "blown," the board will have no power. --- ### 4. Technical Pinout (General Layout) While pinouts can vary slightly by revision, the standard configuration for this series is: ```markdown 1. VIN (12V/24V) 2. VIN (12V/24V) 3. ON/OFF (Enable: 3.3V-5V) 4. ADJ (Dimming: PWM or Analog) 5. GND (Ground) 6. GND (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What are the typical symptoms of a failing MPV320Z2HJ-R board?
    • ⤷ Can this board be bypassed for an LED conversion kit?
    • ⤷ How do I test the transformers on this board using a multimeter?