MPV310Z1HJ-R
AI

The **MPV310Z1HJ-R** is a specific surface-mount power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the MPV series, which is designed for high-power density and efficiency in automotive and industrial applications.
---
### 1. General Specifications
The part number follows a specific coding system that defines its physical and electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Molded Power Inductor |
| **Inductance** | 1.0 µH (Indicated by "1R0" or coded logic) |
| **Tolerance** | ±20% (Standard for this series) |
| **Operating Temperature** | -40°C to +125°C (AEC-Q200 Grade 1) |
| **Core Material** | Metal Alloy (Low core loss, soft saturation) |
---
### 2. Key Features
* **AEC-Q200 Qualified:** Rigorously tested for automotive reliability, including thermal shock and vibration resistance.
* **High Current Handling:** Due to the metal powder core, it can handle high peak currents without instantaneous magnetic saturation.
* **EMI Shielding:** The molded construction provides inherent electromagnetic interference (EMI) shielding, reducing noise in sensitive circuits.
* **Low DCR:** It features low Direct Current Resistance, which minimizes power loss and heat generation.
---
### 3. Electronic Application & Use Cases
This inductor is primarily used in **DC-DC converters** and voltage regulator modules. Common applications include:
1. **Automotive Systems:**
* Advanced Driver Assistance Systems (ADAS).
* Infotainment and navigation units.
* Electronic Control Units (ECUs).
2. **Industrial Electronics:**
* Distributed power systems.
* Battery-powered equipment requiring high efficiency.
3. **Computing:**
* Point-of-Load (POL) converters for high-end processors.
---
### 4. Technical Summary Table
| Feature | Performance Benefit |
| :--- | :--- |
| **Molded Construction** | Improved mechanical strength and reduced audible noise. |
| **Soft Saturation** | Stable performance even when current exceeds nominal ratings. |
| **Surface Mount (SMD)** | Compatible with high-speed automated pick-and-place assembly. |
---
- ⤷What is the maximum saturation current (Isat) for the MPV310 series?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
- ⤷ What are the physical dimensions of the MPV310Z1HJ-R package?