MPT730-R33H1
AI

The **MPT730-R33H1** is a high-performance, surface-mount (SMD) power inductor. It is part of the MPT series, typically manufactured by companies like Delta Electronics or Cyntec. These inductors are known for their high current-carrying capacity and low profile, making them ideal for modern power conversion circuits.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the MPT730-R33H1:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (Standard) |
| **DC Resistance (DCR)** | ~1.3 mΩ (Typical) / ~1.5 mΩ (Max) |
| **Saturation Current (Isat)** | ~30A - 35A |
| **Heat Rating Current (Irms)** | ~22A - 26A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 7.3mm x 6.6mm x 3.0mm |
---
### ## Key Electronic Features
1. **Metal Alloy Core Construction**:
Unlike traditional ferrite cores, the MPT series uses a molded metal powder core. This provides **soft saturation** characteristics, meaning the inductance drops gradually as current increases rather than crashing abruptly.
2. **Low DCR (Direct Current Resistance)**:
The "R33" indicates a low inductance value (0.33µH). Combined with high-quality copper windings, it results in extremely low resistance, which minimizes power loss through heat (I²R losses).
3. **High Frequency Performance**:
Designed to operate efficiently in high-frequency switching environments (typically up to 1MHz or higher), which is essential for modern DC-DC converters.
4. **Magnetic Shielding**:
The molded construction acts as a natural shield, significantly reducing Electromagnetic Interference (EMI) which can affect sensitive neighboring components on a PCB.
---
### ## Typical Applications
The MPT730-R33H1 is primarily used in **Voltage Regulator Modules (VRM)** and high-efficiency power supplies. Common devices include:
* **Laptops and Tablets**: Powering the CPU/GPU core rails.
* **Graphics Cards (GPUs)**: Managing high-current power phases.
* **Servers**: High-density power distribution units.
* **Telecommunications**: DC-DC "Point of Load" (POL) converters.
---
### ## Part Number Breakdown
* **MPT**: Series Name (Molded Power Inductor).
* **730**: Physical Dimensions (approx. 7.3mm x 3.0mm).
* **R33**: Inductance Value (R represents the decimal point; 0.33µH).
* **H1**: Series internal code/revision (often denotes specific material or tolerance).
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended soldering profiles for this SMD component?