MPT135-R68H1
AI

The **MPT135-R68H1** is a high-current, shielded power inductor typically used in automotive and industrial electronics. It belongs to a category of surface-mount device (SMD) components designed for power conversion and noise filtering.
---
### 1. Key Technical Specifications
Based on standard nomenclature for the MPT series, here are the primary electrical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.68 µH (Indicated by "R68") |
| **Tolerance** | ±20% (Standard for "M" series) |
| **DCR (Direct Current Resistance)** | ~2.5 mΩ to 3.5 mΩ (Low resistance) |
| **Saturation Current (Isat)** | ~25A to 35A |
| **Heating Current (Irms)** | ~20A to 25A |
| **Operating Temperature** | -55°C to +125°C or +155°C (Automotive Grade) |
---
### 2. Component Construction
The "MPT" series generally refers to **Molded Power Inductors**. Their construction offers several advantages over traditional wire-wound inductors:
* **Composite Core:** Uses a metallic iron powder core molded directly around the copper coil.
* **Magnetic Shielding:** The molded body naturally shields the component, reducing electromagnetic interference (EMI).
* **Robustness:** The solid structure provides excellent resistance to mechanical shock and vibration.
* **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, meaning they handle extreme thermal cycling well.
---
### 3. Part Number Breakdown
The part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **MPT** | Series Code (Molded Power Inductor) |
| **135** | Case Size (Approx. 13.5mm x 12.5mm x 5.0mm) |
| **R68** | Inductance Value (R is decimal point = 0.68 Microhenries) |
| **H1** | Modification/Tolerance code (Often refers to specific high-temp or low-profile variants) |
---
### 4. Common Applications
Due to its high current handling and low profile, the MPT135-R68H1 is commonly found in:
* **DC/DC Converters:** Used as the energy storage element in buck/boost converters.
* **Voltage Regulator Modules (VRM):** Supplying high-current power to CPUs or GPUs.
* **Automotive Systems:** LED lighting drivers, infotainment systems, and ADAS modules.
* **Power Supplies:** High-efficiency switch-mode power supplies (SMPS).
---
- ⤷
What are the physical dimensions of the 135 case size?
- ⤷ How does a molded inductor compare to a traditional ferrite drum core?
- ⤷ What is the specific saturation current (Isat) for the H1 variant?