MPSA92G-AB3-R
AI

The **MPSA92G-AB3-R** is a High Voltage PNP Epitaxial Silicon Transistor manufactured by UTC (Unisonic Technologies). It is widely used in applications requiring high voltage switching and amplification.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :---: | :---: | :---: |
| Collector-Base Voltage | $V_{CBO}$ | -300 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -300 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5.0 | V |
| Collector Current (DC) | $I_C$ | -500 | mA |
| Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 625 (varies by package) | mW |
| DC Current Gain | $h_{FE}$ | 25 ~ 40 (min) | - |
### 2. Part Number Breakdown
The suffixing in the part number provides specific information about the packaging and material:
* **MPSA92**: The base model number (PNP High Voltage Transistor).
* **G**: Halogen-free and RoHS compliant (Green).
* **AB3**: Refers to the **SOT-89** package type (a small surface-mount plastic package).
* **R**: Tape and Reel packaging.
### 3. Physical Attributes & Pinout
The **SOT-89** package is a surface-mount device with three leads and a large heat-sink tab.
1. **Pin 1 (Emitter):** Current exits here in a PNP configuration.
2. **Pin 2 (Collector):** Connected to the larger center tab for heat dissipation.
3. **Pin 3 (Base):** The control pin for the transistor.
### 4. Typical Applications
Due to its high voltage rating (-300V), this part is commonly found in:
* **Telecommunications:** Line switching and interface circuits.
* **Video Output:** Used in CRT displays and high-voltage drivers.
* **Power Supplies:** High-voltage regulators and converters.
* **Signal Amplification:** Low-current, high-voltage signal processing.
### 5. Complementary Part
The NPN (Negative-Positive-Negative) counterpart to the MPSA92 is the **MPSA42**. Designers often use these two together in push-pull amplifier stages or balanced switching circuits.
---
- ⤷What are the main differences between the SOT-89 (AB3) and TO-92 packages for this transistor?
- ⤷ Can the MPSA92 be used directly in 220V AC rectification circuits?
- ⤷ How does the 'G' suffix impact the thermal performance compared to the standard version?