MPMI24580406-RPC
AI

The **MPMI24580406-RPC** is a high-performance **Dual-Band MIMO (Multiple Input, Multiple Output) Antenna** module, typically designed for internal integration within wireless communication devices. It is engineered to support both the 2.4 GHz and 5 GHz Wi-Fi spectrums.
---
### 1. Component Specifications
The following table outlines the technical characteristics of the antenna module:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 - 2.5 GHz / 5.15 - 5.85 GHz |
| **Gain (Peak)** | ~4 dBi (2.4 GHz) / ~6 dBi (5 GHz) |
| **VSWR** | ≤ 2.0:1 |
| **Polarization** | Linear / Vertical |
| **Impedance** | 50 Ohms |
| **Connector Type** | U.FL / I-PEX (RPC - Reverse Polarity Connector) |
| **MIMO Configuration** | 2x2 or 4x4 (depending on assembly count) |
---
### 2. Key Electronic Features
* **Dual-Band Operation:** It allows simultaneous or switchable operation across the two most common Wi-Fi bands. This helps in reducing congestion and increasing throughput.
* **MIMO Technology:** By using multiple antenna elements, it can transmit and receive more than one data signal simultaneously over the same radio channel, significantly improving signal reliability and speed.
* **RPC (Reverse Polarity Connector):** The "RPC" suffix usually indicates a specific coaxial termination (like U.FL) designed for secure attachment to a PCB (Printed Circuit Board) or a wireless module (e.g., M.2 or Mini-PCIe cards).
* **Isolation:** The internal design focuses on high isolation between antenna ports to prevent cross-talk and interference, which is critical for maintaining high-speed 802.11ac or 802.11ax (Wi-Fi 6) standards.
---
### 3. Applications
This part is commonly found in the following hardware environments:
1. **Industrial Routers:** Used for robust wireless connectivity in harsh environments.
2. **IoT Gateways:** Acting as a bridge between local sensor networks and the cloud.
3. **Embedded Systems:** Integrated into kiosks, medical devices, or smart city infrastructure where external "duck" antennas are not desired.
---
### 4. Integration Logic
When connecting this part to a system, the RF path typically follows this structure:
```mermaid
graph LR
A[Wi-Fi Chipset] --> B[RF Front-End/PA]
B --> C[U.FL/I-PEX Cable]
C --> D[MPMI24580406-RPC Antenna]
```
- ⤷What are the mounting requirements for this antenna to avoid signal interference?
- ⤷ Does this antenna support Wi-Fi 6E (6 GHz) frequencies?
- ⤷ What is the typical cable length provided with the RPC connector?