AI

The **MPL-AY3020-R82** is a high-performance, shielded power inductor typically manufactured by **Delta Electronics**. It is designed for high-density power applications such as DC-DC converters, voltage regulator modules (VRMs), and automotive electronics.
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~11.5 mΩ (Typical) |
| **Isat (Saturation Current)** | ~8.0 A to 9.0 A (Approx.) |
| **Irms (Rated Current)** | ~7.0 A to 7.5 A (Approx.) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 3.0mm x 3.0mm x 2.0mm (3020) |
| **Construction** | Metal Alloy Powder (Shielded) |
---
### 2. Key Electronic Features
* **Metal Alloy Core:** Unlike traditional ferrite inductors, the MPL series uses a metal alloy powder core. This provides a "soft saturation" characteristic, meaning the inductance drops gradually as current increases rather than dropping off sharply.
* **Magnetic Shielding:** The molded construction naturally shields the component, significantly reducing Electromagnetic Interference (EMI) which is critical in compact PCB designs.
* **High Efficiency:** With a low DCR (Direct Current Resistance) for its size, it minimizes power loss due to heat, making it suitable for battery-operated devices.
* **AEC-Q200 Compliance:** The "AY" in the prefix often denotes automotive-grade reliability, meaning it is tested for high vibration, thermal shock, and moisture resistance.
---
### 3. Application Use-Cases
The MPL-AY3020-R82 is commonly found in the following circuits:
1. **Buck Converters:** Stepping down voltage for CPUs, GPUs, or FPGAs.
2. **Smartphones & Tablets:** Used in power management integrated circuits (PMICs) where space is limited.
3. **Automotive Infotainment:** Powering displays and sensors due to its rugged thermal profile.
4. **LED Drivers:** Providing stable current for lighting applications.
---
### 4. PCB Layout Considerations
When integrating this part into a design, follow these best practices:
* **Keep Traces Short:** Minimize the length of the traces between the inductor and the switching controller to reduce parasitic inductance.
* **Thermal Relief:** Ensure the copper pads are connected to internal ground planes (if possible) to help dissipate heat generated during high-current operation.
* **Clearance:** Avoid placing sensitive analog signal traces directly under the inductor to prevent noise coupling.
- ⤷
What is the difference between 'Soft Saturation' and 'Hard Saturation' in power inductors?
- ⤷ How does the DCR of this inductor affect the overall efficiency of a DC-DC converter?
- ⤷ Can this part be used in high-frequency switching applications above 2MHz?