MPIA4040R4-4R7-R
AI

The **MPIA4040R4-4R7-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPIA4040 series, known for its high current handling and compact footprint.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 78 mΩ (Typical) / 94 mΩ (Max) |
| **Rated Current (Irms)** | 3.1 Amps |
| **Saturation Current (Isat)** | 4.2 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.7mm x 4.06mm x 4.0mm |
| **Shielding** | Shielded (Molded construction) |
---
### 2. Part Number Breakdown
The nomenclature provides specific details about the component's build:
* **MPIA**: Metal Process Inductor, Automotive grade.
* **4040**: Dimensions (approx. 4.0mm x 4.0mm).
* **R4**: Revision or specific height profile code (approx. 4.0mm height).
* **4R7**: Inductance value (4.7 microhenries).
* **-R**: RoHS compliant.
---
### 3. Key Features and Construction
* **Molded Construction:** The inductor uses a composite iron powder material molded around the coil. This provides excellent magnetic shielding to minimize Electromagnetic Interference (EMI).
* **Soft Saturation:** Unlike ferrite core inductors that drop inductance sharply when current limits are exceeded, this metal powder core exhibits "soft saturation," meaning inductance decreases gradually.
* **Automotive Grade:** It is **AEC-Q200 Grade 1 qualified**, making it suitable for high-reliability environments subject to vibration and thermal cycling.
---
### 4. Typical Applications
This inductor is primarily used in DC-DC converter circuits for:
1. **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and LED lighting.
2. **Industrial Power:** Compact power supplies requiring high power density.
3. **Battery Powered Devices:** Handheld terminals or portable medical equipment where space and efficiency are critical.
- ⤷
What are the main differences between the MPIA and the standard MPI series?
- ⤷ How does 'soft saturation' benefit a DC-DC converter design?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?