MPIA4040R4-100-R
AI

The **MPIA4040R4-100-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the MPIA4040 series, known for its high current density and compact footprint.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specific characteristics:
| Component Segment | Meaning | Value |
| :--- | :--- | :--- |
| **MPIA** | Series Name | Miniature Power Inductor, Automotive Grade |
| **4040** | Package Size | 4.7mm x 4.06mm |
| **R4** | Height Code | 4.0mm max height |
| **100** | Inductance Value | 10.0 µH (10 plus 0 zeros) |
| **-R** | Compliance | RoHS Compliant |
---
### 2. Key Technical Specifications
The electrical behavior of this inductor is optimized for DC-DC converter applications where efficiency and space are critical.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 93 mΩ (Typical) |
| **Rated Current ($I_{rms}$)** | 2.5 Amperes |
| **Saturation Current ($I_{sat}$)** | 3.8 Amperes |
| **Operating Temperature** | -55°C to +125°C |
| **AEC-Q200** | Qualified (Grade 1) |
---
### 3. Core Features
* **Rugged Construction:** Features a molded metal powder material which provides "soft" saturation characteristics (the inductance doesn't drop off instantly when current increases).
* **Shielded Design:** The magnetic shielding minimizes Electromagnetic Interference (EMI), which is vital for sensitive automotive electronics.
* **High Efficiency:** Low DCR helps minimize power loss through heat, extending battery life in portable or automotive systems.
* **Environmental Reliability:** Designed to handle high vibrations and thermal shocks typical in engine compartments or cabin electronics.
---
### 4. Common Applications
This inductor is typically found in the following circuits:
1. **Automotive Systems:** Infotainment, ADAS (Advanced Driver Assistance Systems), and body electronics.
2. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
3. **Industrial IoT:** Powering sensors and wireless modules in harsh environments.
4. **LED Lighting:** Constant current drivers for automotive or industrial lighting.
---
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives in the MPIA series?
- ⤷ How does the 'soft saturation' of metal powder cores benefit circuit design?