AI

The **MPIA4020V2-1R2-R** is a high-performance, automotive-grade miniature power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the MPIA4020V2 series, which is specifically designed for high-current power applications where space is limited and reliability is critical.
---
### 1. Technical Specifications
The part number itself contains the primary specifications of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 18.5 mΩ (Typical) |
| **Isat (Saturation Current)** | 7.3 A (Typical) |
| **Irms (Rated Current)** | 6.5 A (Typical) |
| **Dimensions (LxWxH)** | 4.75mm x 4.06mm x 2.0mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features
* **AEC-Q200 Qualified:** This part is tested for automotive reliability, meaning it can withstand high vibration, thermal shock, and mechanical stress.
* **Molded Construction:** It uses a metal powder core technology that provides a "soft saturation" characteristic. Unlike ferrite cores that drop inductance sharply when current increases, this part maintains performance more linearly.
* **Magnetic Shielding:** The molded design inherently reduces electromagnetic interference (EMI), which is vital for sensitive electronic circuits.
* **High Power Density:** The 4020 package size (approx. 4mm x 4mm x 2mm) allows for high current handling in a very small footprint.
---
### 3. Applications
The MPIA4020V2-1R2-R is commonly used in the following scenarios:
* **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and body electronics.
* **DC-DC Converters:** Used as a storage inductor in buck, boost, or buck-boost regulators.
* **Battery Powered Devices:** High-efficiency power supplies for handheld industrial devices.
* **LED Lighting:** Drivers for automotive or industrial LED arrays.
---
### 4. Part Number Breakdown
The nomenclature can be deciphered as follows:
| Code | Meaning |
| :--- | :--- |
| **MPIA** | Series Name (Automotive Grade Miniature Power Inductor) |
| **4020** | Physical Size (approx. 4.0mm x 4.0mm footprint, 2.0mm height) |
| **V2** | Version 2 (Improved materials or manufacturing) |
| **1R2** | Inductance Value (1.2 µH; 'R' acts as decimal point) |
| **-R** | RoHS Compliant |
---
- ⤷
How does 'soft saturation' in metal powder cores compare to standard ferrite cores?
- ⤷ What are the recommended soldering profiles for AEC-Q200 components like this inductor?
- ⤷ Are there alternative inductors with higher current ratings in the same 4020 footprint?