AI

The **MPIA4012V2-1R0-R** is a high-performance, automotive-grade miniature power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the MPIA4012V2 series, designed for high-current power supplies where space is limited and reliability is critical.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 19.5 mΩ (Typical) / 23 mΩ (Max) |
| **Rated Current (Irms)** | 5.2 A |
| **Saturation Current (Isat)** | 7.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0mm x 4.0mm x 1.2mm |
| **Construction** | Metal Composite (Shielded) |
---
### 2. Key Features and Benefits
* **Metal Composite Core:** The core material allows for "soft saturation," meaning the inductance drops gradually rather than sharply when current increases. This prevents sudden spikes in power circuits.
* **Magnetically Shielded:** Its construction minimizes Electromagnetic Interference (EMI), which is vital for sensitive automotive electronics.
* **AEC-Q200 Grade 3 Qualified:** This ensures the part is tested and certified for automotive environments, including high vibration and thermal cycling.
* **Low Profile:** At only 1.2mm in height, it is ideal for thin handheld devices or densely packed PCB modules.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **MPIA** | Series Name (Automotive Grade Power Inductor) |
| **4012** | Dimensions (4.0mm x 4.0mm x 1.2mm) |
| **V2** | Version 2 (Improved materials/manufacturing) |
| **1R0** | Inductance Value (1.0 µH) |
| **-R** | RoHS Compliant / Lead-Free |
---
### 4. Typical Applications
* **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), infotainment, and body electronics.
* **DC-DC Converters:** Buck, Boost, and SEPIC converters.
* **Consumer Electronics:** High-end tablets, smartphones, and notebooks requiring efficient power delivery.
* **Industrial:** Low-power IoT sensors and handheld instrumentation.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this part be used in applications exceeding 125°C?
- ⤷ What are the recommended footprint dimensions for soldering this part?