MPI4040R3-150-R
AI

The **MPI4040R3-150-R** is a high-performance, power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPI4040 series, which is characterized by its miniature size and high current-handling capabilities, typically used in DC-DC converters and voltage regulator modules.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 15.0 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | ~185 mΩ (Nominal) |
| **Rated Current (Irms)** | ~1.9 A (Amperes) |
| **Saturation Current (Isat)** | ~3.0 A (Amperes) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4.7mm x 4.06mm (Height: 4.0mm) |
---
## 2. Key Features and Construction
The MPI4040R3-150-R utilizes specific engineering techniques to achieve high efficiency in a small footprint:
* **Molded Construction:** The inductor is made using a metal powder molding process. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off abruptly when current increases.
* **Magnetically Shielded:** The design minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts near sensitive components.
* **Rugged Design:** It is designed to withstand high vibration and thermal shocks.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets environmental standards.
---
## 3. Typical Applications
Because of its balance between size and power handling, this part is commonly found in:
* **Mobile Electronics:** Smartphones, tablets, and handheld devices.
* **Computing:** Point-of-load (POL) converters and CPU power supplies.
* **Battery Powered Systems:** Where high efficiency is required to extend battery life.
* **DC-DC Converters:** Buck, boost, and buck-boost topologies.
---
## 4. Understanding the Part Number
```text
MPI 4040 R3 - 150 - R
| | | | |
| | | | └── RoHS Compliant
| | | └─────── Inductance Value (150 = 15.0 µH)
| | └──────────── Revision/Series Version (R3)
| └───────────────── Physical Size (4.0mm x 4.0mm approx)
└────────────────────── Series (Metal Powder Inductor)
```
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ What are the footprint-compatible alternatives to the MPI4040 series?
- ⤷ How does 'soft saturation' benefit a power supply circuit?