MPI4020V2-1R2-R
AI

### MPI4020V2-1R2-R: Component Overview
The **MPI4020V2-1R2-R** is a high-current, low-profile power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI4020 series, which is specifically designed for high-density power applications such as DC-DC converters.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 18.5 mΩ (Typical) / 22.0 mΩ (Max) |
| **Irms (Rated Current)** | 5.8 A (Typical) |
| **Isat (Saturation Current)** | 8.0 A (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Dimensions** | 4.0mm x 4.0mm x 2.0mm |
| **Shielding** | Magnetically Shielded |
---
### Key Features
1. **Composite Construction**: The part uses a metal flakes powder core. This design allows for high saturation currents (Isat) and a soft saturation curve, meaning the inductance doesn't drop abruptly when current exceeds the limit.
2. **Magnetic Shielding**: The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
3. **Low Profile**: With a height of only 2.0mm, it is ideal for thin electronic devices like tablets, smartphones, and ultra-portable laptops.
4. **High Efficiency**: The low DCR (Direct Current Resistance) helps minimize power loss due to heat, increasing the overall efficiency of the power supply.
---
### Part Number Breakdown
The part number follows a specific nomenclature:
* **MPI**: Series name (Molded Power Inductor).
* **4020**: Dimensions (4.0mm x 4.0mm x 2.0mm).
* **V2**: Version 2 (Improved materials or performance).
* **1R2**: Inductance value (1.2 µH).
* **R**: RoHS compliant.
---
### Common Applications
* **DC-DC Converters**: Used as a storage inductor in buck, boost, or buck-boost topologies.
* **Mobile Devices**: Power management for CPUs and GPUs in handheld electronics.
* **SSD Drives**: Voltage regulation for high-speed storage devices.
* **LED Drivers**: Filtering and current control in lighting applications.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a lower height than 2.0mm in this series?
- ⤷ How does the DCR of the 1.2µH model compare to higher inductance models in the MPI4020 series?