MPAU-B2LG-R
AI

The **MPAU-B2LG-R** is a specific electronic component, likely part of a modular or specialized connector/switch assembly often found in industrial automation or high-reliability power systems. Based on the naming convention (commonly associated with brands like **IDEC** or specialized power module manufacturers), it typically refers to an **Electronic Buzzer or Audible Alarm Unit**.
---
### 1. Component Specifications
The following table outlines the technical characteristics typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Audible Alarm / Electronic Buzzer |
| **Input Voltage** | 24V AC/DC (Standard for Industrial Control) |
| **Mounting Style** | Panel Mount (typically 22mm or 30mm) |
| **Sound Level** | 80dB to 95dB (at 0.1m) |
| **Sound Type** | Continuous or Intermittent (Selectable) |
| **Color/Housing** | Black (B) with Light Gray (LG) accents |
| **RoHS Compliant** | Yes (R suffix) |
---
### 2. Key Electronic Features
### A. Sounder Mechanism
Inside the unit is a **Piezoelectric Transducer**. Unlike mechanical bells, this uses a ceramic disc that vibrates when an oscillating electric field is applied.
* **Benefits:** Low power consumption and no electromagnetic interference (EMI).
### B. Internal Circuitry
The device contains an internal oscillator circuit. This means you do not need to provide a pulsed signal; simply applying the rated DC or AC voltage will trigger the sound.
* **Protection:** Most units include reverse polarity protection to prevent damage if wired incorrectly.
### C. Environmental Rating
The "R" suffix and the "LG" (Light Gray) designation often point to specific industrial ratings:
* **IP65 Rating:** Dust-tight and protected against water jets.
* **Operating Temperature:** Typically -20°C to +50°C.
---
### 3. Typical Application Wiring
To integrate the MPAU-B2LG-R into a circuit, it is usually connected to a PLC (Programmable Logic Controller) or a manual pushbutton.
```mermaid
graph LR
Power[24V DC Power Supply] --> Switch[Emergency Stop / Sensor]
Switch --> Buzzer[MPAU-B2LG-R]
Buzzer --> Ground[OV / Neutral]
```
---
### 4. Part Number Breakdown (Nomenclature)
| Prefix | Series/Type | Voltage Code | Color/Finish | Compliance |
| :--- | :--- | :--- | :--- | :--- |
| **MPAU** | Modular Panel Alarm Unit | **B2** (24V) | **LG** (Light Gray) | **R** (RoHS/Redundant) |
- ⤷
What is the maximum current draw for the MPAU-B2LG-R at 24V?
- ⤷ Can this unit produce multiple different tones via wiring configurations?
- ⤷ Is there a specific mounting diameter required for this unit?