MP220G-R10-C
AI

The **MP220G-R10-C** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are fundamental in power management circuits, specifically within DC-DC converters and voltage regulator modules.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.0 µH (indicated by "R10" or "1R0" logic) |
| **Tolerance** | ±20% |
| **Current Rating (Isat)** | High Saturation Current (designed for high-density power) |
| **DC Resistance (DCR)** | Ultra-low (to minimize power loss) |
| **Core Material** | Metal Alloy / Carbonyl Powder (Shielded) |
| **Mounting Type** | SMD (Surface Mount Device) |
### 2. Key Internal Parts and Construction
* **Winding (Coil):** Usually made of high-quality copper wire. In modern power inductors like this series, it often uses flat-wire technology to increase the cross-sectional area and reduce resistance.
* **Core Material:** Uses a molded metal powder core. This provides soft saturation characteristics, meaning the inductance doesn't drop off sharply when the current increases.
* **Shielding:** The component is magnetically shielded. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB.
* **Terminals:** Solder-plated leads (usually Tin) designed for reflow soldering processes.
---
### 3. Electronic Functions and Usage
The MP220G-R10-C performs several critical roles in a circuit:
1. **Energy Storage:** In a switching regulator (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It works alongside capacitors to smooth out ripple current, converting a pulsating square wave into a steady DC voltage.
3. **Noise Suppression:** Acting as a low-pass filter, it blocks high-frequency noise from passing through the power rail.
### 4. Common Applications
* **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs.
* **Mobile Devices:** High-efficiency power stages in smartphones and tablets.
* **Industrial:** DC-DC converters for distributed power systems.
---
### 5. Part Number Breakdown (General Logic)
* **MP:** Often refers to the series (Molded Powder).
* **220:** Relates to the physical dimensions (e.g., 2.0mm x 2.0mm or similar footprint).
* **R10:** The inductance value (1.0 microhenries).
* **C:** Typically denotes the tolerance or packaging type (e.g., Tape & Reel).
- ⤷
What are the specific physical dimensions of the MP220G series footprint?
- ⤷ How does 'soft saturation' in metal powder cores compare to ferrite cores?
- ⤷ What is the maximum operating temperature for this specific inductor?