MP220B-R100-F
AI

The **MP220B-R100-F** is a high-precision, high-stability **Metal Foil Power Resistor** manufactured by PCN (Precision Resistor Co.) or similar specialty resistor manufacturers. It is designed for applications requiring high wattage in a compact TO-220 style package.
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Model Series** | MP220B |
| **Resistance Value** | 0.100 $\Omega$ (R100) |
| **Tolerance** | $\pm$ 1.0% (F) |
| **Power Rating (with Heatsink)** | 20 Watts |
| **Power Rating (Free Air)** | 2.25 Watts |
| **Package Type** | TO-220 (Molded) |
| **Temperature Coefficient** | Low PPM (typically $\pm$50 to $\pm$100 ppm/°C) |
---
### 2. Physical Design & Internal Construction
The "B" designation in the part number often refers to the internal lead configuration or specific material bonding.
* **Metal Foil Technology:** Unlike standard thick-film resistors, these use a metal foil element bonded to a ceramic substrate. This provides superior thermal stability and lower noise.
* **TO-220 Housing:** The component looks identical to a transistor or voltage regulator. It features a metal tab with a mounting hole, which is essential for attaching a heatsink to dissipate the heat generated by the 20W rating.
* **Non-Inductive:** Because of the flat foil construction, these resistors have very low inductance, making them suitable for high-frequency applications.
---
### 3. Part Number Breakdown
Understanding the alphanumeric code helps in identifying replacements or variations:
| Segment | Meaning |
| :--- | :--- |
| **MP220** | Series: Power Film Resistor in TO-220 package |
| **B** | Sub-series/Lead style (usually refers to lead spacing or finish) |
| **R100** | Resistance: 0.100 Ohms (The 'R' acts as the decimal point) |
| **F** | Tolerance: $\pm$ 1.0% |
---
### 4. Common Applications
Due to its low resistance (0.1 $\Omega$) and high power capability, the MP220B-R100-F is typically used in:
1. **Current Sensing:** Measuring current in power supplies by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Feedback Loops:** Used in motor control circuits and battery charging systems.
3. **Dummy Loads:** Providing a small, stable load for circuit testing.
4. **Pulse Handling:** Snubber circuits in switching power supplies where high-energy pulses occur.
---
### 5. Critical Installation Note
**Thermal Management:** If you draw more than 2 watts through this resistor, it **must** be mounted to a heatsink using thermal grease. Without a heatsink, the component will overheat and fail rapidly, as the "Free Air" rating is only about 10% of its maximum capacity.
- ⤷
What are the alternative tolerance options for the MP220 series?
- ⤷ How do I calculate the maximum current this resistor can handle at 20W?
- ⤷ Are there non-inductive versions available for high-speed switching?