công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP220B-R10-A

  • AI
    The **MP220B-R10-A** is a high-performance, high-current molded power inductor typically used in DC-DC converter applications, such as Voltage Regulator Modules (VRMs) and point-of-load (POL) converters. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically reflecting inductance and size). Below are the core electronic characteristics: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.10 µH (R10) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (Approx. 0.3 - 0.5 mΩ) | | **Saturation Current (Isat)** | High (typically 40A - 60A+) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Surface Mount (SMD) / Molded | --- ### 2. Key Electronic Features #### A. Low Core Loss The inductor uses a metal alloy powder core. Unlike traditional ferrite cores, these molded cores have a "soft" saturation characteristic, meaning the inductance doesn't drop off instantly when the current exceeds the rated limit. #### B. Electromagnetic Shielding Because the coil is embedded in a magnetic metal powder mixture, the part is **self-shielded**. This minimizes Electromagnetic Interference (EMI) which is crucial for sensitive high-speed PCB designs. #### C. High Current Handling The "R10" (0.10 µH) value is extremely low, which allows the component to handle very high ripple currents and provide fast transient responses in high-frequency switching power supplies (often 1MHz to 5MHz ranges). --- ### 3. Application Areas These parts are generally found in power stages requiring high efficiency and compact footprints: * **Graphics Cards (GPUs):** For Vcore power stages. * **Servers/Data Centers:** High-current CPU power delivery. * **Automotive Electronics:** Infotainment and ADAS power modules. * **Laptops:** High-performance voltage regulation. --- ### 4. Comparison Table: Molded vs. Ferrite Inductors | Feature | Molded (MP220B-R10-A type) | Standard Ferrite Inductor | | :--- | :--- | :--- | | **Saturation** | Soft (Gradual) | Hard (Sudden) | | **Acoustic Noise** | Low (Solid construction) | Higher (Vibration of core) | | **EMI Shielding** | Excellent | Moderate | | **Current Density**| Very High | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MP220B package size?
    • ⤷ How does the 'soft saturation' of this inductor benefit a power circuit?
    • ⤷ What is the recommended soldering profile for this SMD component?