MP1702-1-RX
AI

The **MP1702-1-RX** refers to a high-speed optical receiver module, typically utilized in fiber optic communication systems. Specifically, it is designed for **10Gbps (10G)** data transmission applications.
Below is a detailed breakdown of its electronic characteristics and components.
---
### 1. General Specifications
The module serves as the receiving end of an optical link, converting light signals back into electrical signals.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Data Rate** | Up to 10.3 Gbps |
| **Wavelength** | 1260nm to 1610nm (Broadband) |
| **Power Supply** | +3.3V |
| **Package Type** | XFP or SFP+ (Module Dependent) |
| **Interface** | LC/UPC Optical Connector |
---
### 2. Core Electronic Components
The internal architecture of the MP1702-1-RX consists of three primary stages:
#### A. Photodetector (PD)
* **Function:** Usually an **InGaAs PIN Photodiode** or an **APD** (Avalanche Photodiode).
* **Role:** Converts incoming photons into a very weak proportional electrical current (photocurrent).
#### B. Trans-Impedance Amplifier (TIA)
* **Function:** Current-to-Voltage converter.
* **Role:** This is the most critical analog component. It takes the tiny photocurrent from the PD and amplifies it into a differential voltage signal while keeping noise at a minimum.
#### C. Limiting Amplifier (LA)
* **Function:** Signal conditioning.
* **Role:** The output from the TIA can vary in amplitude depending on the strength of the light. The Limiting Amplifier "squares up" the signal to standard logic levels (CML or LVPECL) for processing by a MAC or PHY chip.
---
### 3. Pinout & Electrical Interface
The module interacts with the host PCB via a standardized multi-pin connector.
| Pin Type | Name | Description |
| :--- | :--- | :--- |
| **Power** | VccR | 3.3V Power supply for the receiver section. |
| **Ground** | VeeR | Receiver signal ground. |
| **Data Out** | RD+ / RD- | Differential high-speed CML output data. |
| **Control** | RX_LOS | Loss of Signal indicator (High if light is too weak). |
| **Communication** | SDA / SCL | I2C interface for Digital Diagnostic Monitoring (DDM). |
---
### 4. Digital Diagnostic Monitoring (DDM)
The MP1702-1-RX usually includes an internal EEPROM and sensors that allow the system to monitor the following in real-time:
* **Received Optical Power:** Measured in dBm.
* **Operating Temperature:** Monitoring for overheating.
* **Supply Voltage:** Ensuring stable 3.3V power.
---
- ⤷What is the maximum optical sensitivity of the MP1702-1-RX?
- ⤷ Can this receiver be used with Single-Mode or Multi-Mode fiber?
- ⤷ How does the RX_LOS pin trigger in a real-world circuit?