công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1622-AZ-RV

  • AI
    ## Overview of MP1622-AZ-RV The **MP1622-AZ-RV** is a specialized power management integrated circuit (PMIC) manufactured by **Monolithic Power Systems (MPS)**. It is primarily classified as a high-efficiency, monolithic, synchronous step-down (buck) switch-mode converter. ### Technical Specifications The following table highlights the primary electrical characteristics of the MP1622 series: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 2A (continuous) | | **Switching Frequency** | 1.1MHz | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-6 | | **Control Mode** | Constant On-Time (COT) | --- ### Core Electronic Components & Features The MP1622 integrates several critical electronic components and control mechanisms within its silicon to ensure stable power delivery: #### 1. Internal Power MOSFETs The device integrates both a **high-side** and a **low-side** power MOSFET. Because these are internal, the chip requires fewer external components, saving PCB space and reducing parasitic inductance. #### 2. Constant On-Time (COT) Control Unlike standard PWM controllers, the MP1622 uses **COT control**. This provides: * **Ultra-fast transient response:** The chip reacts almost instantly to changes in load. * **Simplified loop compensation:** It eliminates the need for complex external compensation networks. #### 3. Protection Circuitry The IC includes a suite of "safety" components integrated into the logic: * **OCP (Over-Current Protection):** Limits the current to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the device off if the internal junction temperature exceeds safe limits (typically around 150°C). * **UVLO (Under-Voltage Lockout):** Ensures the chip only operates when the input voltage is high enough to drive the internal MOSFETs efficiently. #### 4. Synchronous Rectification By using a low-side MOSFET instead of an external Schottky diode, the MP1622 minimizes "diode drop" losses, significantly increasing efficiency at low output voltages. ### Typical Application Circuit Requirements While the chip is highly integrated, it requires several external "passive" electronic parts to function: 1. **Inductor (L1):** Stores energy during the switching cycle (typically 1.0µH to 4.7µH). 2. **Input Capacitor (C1):** Filters input noise and provides ripple current. 3. **Output Capacitor (C2):** Smooths the output voltage. 4. **Feedback Resistors (R1, R2):** A voltage divider used to set the specific output voltage (e.g., 3.3V or 1.2V).
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of COT control over traditional PWM in the MP1622?
    • ⤷ What is the typical pinout configuration for the SOT23-6 package of this IC?
    • ⤷ Can the MP1622 be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?