công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1620-A6-RV

  • AI
    The **MP1620-A6-RV** is a specific variant of the MP1620 series, typically manufactured by **Megachips** (formerly Sanken or similar power semiconductor divisions). This component is a high-efficiency, step-down (buck) switching regulator or an Integrated Power Module (IPM) depending on the specific application context, often found in industrial automation and robotics. --- ### ## Technical Specifications The MP1620 series is characterized by its compact design and integrated protection features. Below is a general technical overview: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Regulator / Power Module | | **Input Voltage Range** | 4.5V to 18V (Standard range) | | **Output Current** | Up to 2A continuous | | **Switching Frequency** | ~500 kHz to 1.2 MHz | | **Package Type** | SOT-23-6 or similar small-outline package | | **Operating Temp** | -40°C to +125°C | --- ### ### Key Electronic Components & Internal Architecture The "A6-RV" designation usually refers to specific factory settings for output voltage or packaging reels. The internal circuitry consists of: 1. **Integrated MOSFETs:** High-side and low-side power MOSFETs are built into the chip to reduce external component count and improve efficiency. 2. **Internal Compensation:** Reduces the need for external resistors and capacitors to stabilize the feedback loop. 3. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain regulation. 4. **Protection Circuits:** * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Thermal Shutdown:** Turns the device off if the junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the internal gates. --- ### ### Typical Application Circuit In a standard electronic design, the MP1620-A6-RV requires only a few external parts: ```markdown Input (Vin) ----[ C_in ]----+----[ MP1620 ]----+----[ Inductor ]---- Output (Vout) | (IC) | | GND GND [ C_out ] | GND ``` * **Inductor:** Stores energy during the "on" cycle. * **Input/Output Capacitors:** Smooth the voltage ripples and provide transient stability. * **Feedback Resistors:** Set the specific output voltage (unless it is a fixed-voltage version). --- ### ### Usage Context The **"RV"** suffix often indicates **RoHS compliance** and **Tape & Reel** packaging for automated pick-and-place assembly in manufacturing. These parts are commonly used in: * Distributed Power Systems * Pre-regulators for Linear Regulators * Battery-powered portable devices * Industrial PLCs (Programmable Logic Controllers) ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MP1620-A6-RV?
    • ⤷ How does the MP1620 compare to the MP1584 in terms of efficiency?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q100 certification?