công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1613-A8-RX

  • AI
    The **MP1613-A8-RX** is a specialized electronic component, typically identified as a **high-efficiency, monolithic synchronous step-down (buck) switch-mode converter**. These types of integrated circuits (ICs) are commonly used to regulate voltage in space-constrained electronic devices. --- ## Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for the MP1613 series: | Feature | Specification (Typical) | | :--- | :--- | | **Function** | Synchronous Step-Down Converter | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 3A | | **Switching Frequency** | Fixed (typically around 500kHz - 1MHz) | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-8 or similar compact SMD | --- ## Key Components & Internal Logic The "MP" prefix indicates it is manufactured by **Monolithic Power Systems (MPS)**. The internal architecture consists of several critical stages: ### 1. Power MOSFETs The chip integrates both the **High-Side** and **Low-Side** power MOSFETs. Because it is a "Synchronous" converter, it uses a MOSFET instead of a Schottky diode for the low-side switch, significantly reducing power loss and heat. ### 2. Control Loop (PWM/PFM) * **Pulse Width Modulation (PWM):** Used during heavy loads to maintain a constant frequency and low output ripple. * **Pulse Frequency Modulation (PFM):** Often triggered during light loads to save battery life and maintain high efficiency. ### 3. Protection Circuitry The IC includes built-in safeguards to prevent damage to the motherboard: * **OTP:** Over Temperature Protection (Thermal shutdown). * **OCP:** Over Current Protection (Hiccup mode). * **UVLO:** Under Voltage Lock-Out (Prevents the chip from starting if input voltage is too low). --- ## Pin Configuration (A8 Suffix) The **-A8** suffix usually refers to the 8-pin configuration. While you should always consult the specific datasheet, the standard layout for this series is: 1. **VIN:** Input supply voltage. 2. **SW:** Switching node (connects to the external inductor). 3. **GND:** System ground. 4. **BST:** Bootstrap (requires a capacitor to drive the high-side gate). 5. **EN:** Enable pin (high to turn on, low to shut down). 6. **VCC:** Internal LDO output for biasing. 7. **FB:** Feedback (connects to a resistor divider to set output voltage). 8. **AGND:** Analog ground for noise-sensitive signals. --- ## Common Applications * **Consumer Electronics:** Set-top boxes, gaming consoles, and networking hardware (routers). * **Computing:** Distributed Power Systems and POL (Point of Load) regulation. * **Industrial:** 12V bus power conversion for sensors and controllers.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for a 5V output?
    • ⤷ How does the MP1613 compare to the MP2307 in terms of efficiency?
    • ⤷ Can the EN pin be tied directly to VIN for always-on operation?