công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1600-AZ-RV

  • AI
    The **MP1600-AZ-RV** is a specialized electronic component, typically categorized as a **High-Power Solid State Relay (SSR)** or a **Power Switching Module** used in industrial automation. It is designed to switch heavy electrical loads using semiconductor technology rather than mechanical contacts. --- ### 1. Technical Specifications Below are the primary electrical and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Triac Output | | **Max Load Current** | 16 Amperes (RMS) | | **Max Load Voltage** | 250V AC | | **Control Voltage** | Typically 3V - 32V DC (Logic level) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **Package Type** | SIP (Single In-line Package) or custom module | | **Isolation** | Photocoupler / Opto-isolation (High Dielectric Strength) | --- ### 2. Key Internal Components The "RV" designation often points to specific internal protections. The architecture generally includes: 1. **Input Side (Control):** An **Infrared LED** that triggers the switching action. This provides galvanic isolation between the low-voltage controller (like a PLC or Arduino) and the high-voltage AC load. 2. **Output Side (Power):** A **Triac** or two **SCRs** (Silicon Controlled Rectifiers) connected in inverse parallel to handle the AC current. 3. **Zero-Crossing Circuit:** Ensures the relay only turns ON when the AC sine wave passes through zero volts, significantly reducing electrical noise and extending the life of the load. 4. **Snubber Circuit:** Often denoted by the "RV" suffix, this includes a **Resistor-Capacitor (RC) network** or a **Varistor** to protect the device against voltage spikes ($dv/dt$) from inductive loads. --- ### 3. Pinout and Installation Most MP1600 series modules utilize a 4-pin configuration: * **Pin 1 & 2 (Input):** Positive and Negative DC control signals. * **Pin 3 & 4 (Output):** AC Load terminals. > **Note:** Because this part handles 16A, it generates significant heat. Proper **heat sinking** is mandatory to prevent thermal runaway or permanent failure of the internal Triac. --- ### 4. Common Applications * **Heating Control:** PID-controlled electric heaters. * **Motor Control:** Small AC motors and pumps. * **Lighting:** Industrial high-power lighting arrays. * **Solenoids:** Actuating heavy-duty valves in manufacturing lines.
    ✨ Follow-up Questions
    • ⤷What is the difference between zero-cross and random-fire switching in the MP1600 series?
    • ⤷ How do I calculate the heat sink size required for a 16A load?
    • ⤷ Can this component be used for DC load switching?