MP1423-0-RX
AI

The **MP1423-0-RX** is a specific electronic component, typically categorized as a high-frequency, synchronous rectified, step-down (Buck) switch-mode converter. It is designed to provide a highly efficient solution for power regulation in compact electronic devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MP1423 series:
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage Range** | 4.75V to 28V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | 385 kHz |
| **Efficiency** | Up to 93% |
| **Package Type** | SOIC-8 (Small Outline Integrated Circuit) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components & Internal Logic
To understand how the MP1423-0-RX operates, it is helpful to look at its internal architectural "parts":
1. **Internal MOSFETs:** It integrates a high-side power MOSFET. In some variants, it uses synchronous rectification to replace the external Schottky diode, increasing efficiency.
2. **Error Amplifier:** Compares the feedback voltage from the output against an internal 1.22V reference to maintain stable output.
3. **Soft-Start Circuit:** Prevents current spikes during startup by gradually increasing the output voltage.
4. **Protection Suite:**
* **Cycle-by-cycle Over Current Protection (OCP):** Shuts down the switch if current exceeds limits.
* **Thermal Shutdown:** Turns off the chip if the internal temperature exceeds 150°C.
* **Under Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is stable.
---
### 3. Application Circuit Example
A typical implementation requires a few external "passive" electronic parts to function:
```yaml
Components Required:
- Input Capacitor (C1): Usually 10µF ceramic for stability.
- Output Inductor (L1): Typically 10µH to 22µH to store energy.
- Output Capacitor (C2): Low ESR (22µH - 100µH) to reduce ripple.
- Feedback Resistors (R1, R2): Set the specific output voltage level.
```
---
### 4. Common Use Cases
* **Distributed Power Systems:** Converting a 12V or 24V bus down to 5V or 3.3V.
* **Networking Equipment:** Powering routers, switches, and modems.
* **FPGA/DSP Power Supplies:** Providing high-current, low-voltage rails for processors.
- ⤷
What are the pin configurations for the SOIC-8 package of the MP1423?
- ⤷ How do I calculate the feedback resistors for a specific output voltage?
- ⤷ What are the primary differences between the MP1423 and the MP2307?