công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1422-0-RX

  • AI
    The **MP1422-0-RX** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF Power Divider/Splitter** or a directional coupler, often produced by manufacturers like Macom or Mini-Circuits (depending on the specific series). Below is a detailed breakdown of its technical characteristics and usage. --- ### 1. Technical Specifications The following table summarizes the general parameters associated with this part type: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Component Type** | RF Power Splitter / Coupler | Passive component | | **Frequency Range** | 5 MHz – 2000 MHz | Varies by sub-model | | **Impedance** | 50 Ohms | Standard RF system impedance | | **Insertion Loss** | < 1.0 dB | Signal loss from input to output | | **Package Type** | SMT (Surface Mount) | Often a 6-pin or similar low-profile lead | | **Operating Temp** | -40°C to +85°C | Industrial grade | --- ### 2. Functional Description The "RX" suffix often indicates a specific packaging orientation (Tape and Reel) or a receiver-optimized circuit. Its primary functions include: * **Signal Splitting:** Taking a single input signal and dividing it into two or more equal outputs with minimal phase shift. * **Impedance Matching:** Ensuring that the RF signal does not reflect back (Low VSWR), which protects sensitive components like Transceivers. * **Isolation:** Providing high isolation between the output ports so that interference on one branch does not affect the other. --- ### 3. Application Areas These parts are commonly found in the following electronic systems: 1. **CATV Systems:** Used to split cable signals between multiple tuners or modems. 2. **Wireless Infrastructure:** Found in base stations for signal distribution. 3. **Test Equipment:** Used in signal generators and spectrum analyzers to route signals to different internal modules. 4. **Set-Top Boxes:** Distributing signals between the main receiver and auxiliary recording hardware. --- ### 4. Mounting and Handling Since this is an SMT component, specific care must be taken during the PCB assembly process: ```markdown * Reflow Soldering: Must follow the JEDEC J-STD-020 standard profile. * ESD Sensitivity: While passive, it should be handled in an ESD-safe environment. * Layout: Keep RF traces as short as possible to prevent parasitic inductance. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the MP1422-0-RX model?
    • ⤷ Can this part be used in high-power transmitter circuits?
    • ⤷ What are the pin-out configurations for this specific SMT package?