MP1412-0-RV
AI

The **MP1412-0-RV** is a specialized high-power radio frequency (RF) connector component, typically part of the **MP1412 Series** manufactured by companies like **Molex** (formerly AeroComm/Laird) or similar RF hardware specialists. It is designed for high-frequency signal transmission in wireless communication systems.
---
### 1. Component Overview
The MP1412-0-RV is generally categorized as an **RF Coaxial Connector** or **Adapter**. It is engineered to maintain signal integrity and minimize "Insertion Loss" in high-frequency environments.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Connector / Interface |
| **Primary Material** | Brass or Stainless Steel with Gold/Nickel Plating |
| **Impedance** | Usually 50 Ohms (Standard for RF) |
| **Frequency Range** | Typically up to 6 GHz or 18 GHz (depending on specific sub-type) |
| **Application** | Telecommunications, Satellite, Base Stations |
---
### 2. Key Electronic Characteristics
The "electronic parts" or specifications that define this component include:
* **Voltage Standing Wave Ratio (VSWR):** This measures how efficiently RF power is transmitted through the connector. For the MP1412 series, the VSWR is typically kept very low (e.g., < 1.15:1) to prevent signal reflection.
* **Dielectric Withstanding Voltage:** The internal insulation (often PTFE/Teflon) is rated to prevent electrical arcing between the center conductor and the outer shield at high voltages.
* **Contact Resistance:** The "RV" (Reverse) designation often implies a specific polarity configuration, ensuring low resistance at the contact point to prevent heat buildup in high-power applications.
---
### 3. Structural Design
The physical construction is critical to its electronic performance:
1. **Center Pin:** Conducts the actual signal; usually gold-plated to prevent oxidation and ensure high conductivity.
2. **Insulator:** Separates the pin from the ground shell; maintains the constant impedance required for high-speed data.
3. **Outer Shell:** Acts as the ground and provides EMI (Electromagnetic Interference) shielding to prevent the signal from leaking or being interfered with by outside noise.
---
### 4. Common Usage Scenarios
* **Wi-Fi Antennas:** Often used in routers or industrial access points.
* **Test Equipment:** Used in RF labs to connect signal generators to devices under test.
* **Embedded Modules:** Connecting internal PCB traces to external antenna ports.
- ⤷What is the difference between standard and 'RV' (Reverse) polarity in RF connectors?
- ⤷ What is the maximum power rating for the MP1412 series?
- ⤷ How does plating material affect the signal loss in these connectors?