công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1212-7L-RX

  • AI
    The **MP1212-7L-RX** is a specialized electronic component, typically identified as a **high-current power inductor** or a specific **magnetic transformer module** used in high-frequency DC-DC converters and power management systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications These parameters define the operational limits and performance of the component: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High-Current Power Inductor / Multi-Phase Inductor | | **Inductance** | Usually in the range of **100nH to 200nH** (application specific) | | **Current Rating (Isat)** | High saturation current, often exceeding **50A - 70A** | | **DC Resistance (DCR)** | Ultra-low (typically $< 0.5 m\Omega$) to minimize power loss | | **Footprint** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic Parts & Construction The "7L" in the part number often refers to the internal architecture or the number of phases/leads supported by the magnetic core. ### A. Magnetic Core Material * **Composition:** Utilizes a ferrite or powdered iron core designed for high-frequency switching (MHz range). * **Saturation Characteristics:** Designed with a "soft saturation" curve to prevent sudden drops in inductance during current spikes. ### B. Winding Structure * **Flat Wire Technology:** Instead of round wire, these parts often use flat copper ribbons. This maximizes the cross-sectional area, reducing the **Skin Effect** and **DCR**, allowing the part to handle massive amounts of current without overheating. ### C. Terminations (RX Suffix) * **Lead-Free:** The "RX" or similar suffixes usually denote RoHS compliance and specific plating (like Tin or Silver) for reliable soldering on PCB pads. --- ## 3. Circuit Applications This part is predominantly found in high-performance power stages: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases to step down high voltage to the low voltage required by CPUs/GPUs. 2. **Multi-Phase Buck Converters:** The "7L" design often integrates into multi-phase interleaved topologies, providing smooth current output with minimal ripple. 3. **Point of Load (PoL) Converters:** Used in telecommunications and data centers where high efficiency is critical. --- ## 4. Typical Connection Diagram (Pseudo-Code) In a schematic, the part functions as the energy storage element between the switching MOSFETs and the output capacitor. ```yaml Power_Stage: Input: High_Side_MOSFET + Low_Side_MOSFET Component: MP1212-7L-RX (Storage Inductor) Output: Filter_Capacitor -> Load (CPU/GPU) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the MP1212-7L-RX?
    • ⤷ How does the flat-wire winding in this inductor improve efficiency compared to round wire?
    • ⤷ Can this component be used in automotive-grade power applications?