MP1212-3L-RX
AI

The **MP1212-3L-RX** refers to a specific type of high-current power inductor, typically manufactured by companies like **Sumida** or similar power component specialists. These parts are engineered for high-density power applications where space is limited and efficiency is critical.
---
### 1. Component Overview
The MP1212-3L series is a **surface-mount (SMD) power inductor**. It is designed to handle high saturation currents and provide low DC resistance (DCR), making it ideal for DC-DC converter circuits.
| Feature | Description |
| :--- | :--- |
| **Core Material** | Manganese-Zinc (MnZn) or Ferrite (depending on specific revision) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Primary Application** | Voltage Regulator Modules (VRM), Point-of-Load (PoL) converters |
| **Key Characteristic** | Low magnetic flux leakage (shielded design) |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the "1212" footprint generally follows these physical and electrical trends:
#### Physical Dimensions
* **12x12:** Represents the footprint size (approximately 12mm x 12mm).
* **Height:** Usually ranges from 6mm to 10mm depending on the specific "3L" profile.
#### Electrical Profile
* **Inductance Range:** Typically between 1.0µH and 10µH for high-current variants.
* **Saturation Current ($I_{sat}$):** Often exceeds 15A - 30A.
* **Operating Temperature:** Generally rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
---
### 3. Key Electronic Functions
The MP1212-3L-RX serves three primary roles in an electronic circuit:
1. **Energy Storage:** It stores energy in a magnetic field during the "ON" cycle of a switching regulator and releases it to the load during the "OFF" cycle.
2. **Filtering:** It works in conjunction with capacitors to smooth out the ripple current from high-frequency switching power supplies.
3. **EMI Suppression:** The "RX" or shielded designation indicates that the inductor is designed to contain its magnetic field, reducing Electromagnetic Interference (EMI) with nearby sensitive components.
---
### 4. Common Applications
This part is frequently found in high-performance hardware:
* **Server Motherboards:** Powering CPUs and GPUs.
* **Telecommunications:** Base station power modules.
* **Industrial PC:** High-reliability power stages.
---
- ⤷What is the maximum saturation current for the 3L variant of this inductor?
- ⤷ How does the 'RX' suffix specifically change the shielding properties?
- ⤷ What are the footprint compatibility alternatives for the MP1212 series?