MP1210-3-RV
AI

The **MP1210-3-RV** is a specific electronic component typically categorized as a **High-Power Current Sense Transformer**. These components are essential in power electronics for monitoring, controlling, and protecting circuits by converting high primary currents into manageable signals.
---
## 1. Technical Specifications
The MP1210 series is designed for high-frequency applications, typically used in Switch Mode Power Supplies (SMPS).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Current Sense Transformer |
| **Turns Ratio** | 1:100 (Common for this series) |
| **Max Primary Current** | ~10A to 20A (depending on mounting) |
| **Frequency Range** | 50 kHz to 1 MHz |
| **Isolation Voltage** | 500V to 1500V AC |
| **Secondary Resistance** | Low DCR for accuracy |
---
## 2. Core Components & Construction
The MP1210-3-RV consists of several key electronic elements:
### A. Magnetic Core
* **Material:** Usually high-permeability Ferrite.
* **Function:** It concentrates the magnetic flux generated by the primary conductor to induce a proportional voltage in the secondary winding.
### B. Windings
* **Primary:** Often a single turn (the wire carrying the current to be measured passes through the center).
* **Secondary:** Multiple turns of fine copper wire (e.g., 100 turns) that output a smaller, measurable current.
### C. Termination (RV Suffix)
* The "RV" suffix typically denotes the **Vertical Mount** configuration or a specific RoHS-compliant version with radial leads, allowing it to occupy a smaller footprint on a Printed Circuit Board (PCB).
---
## 3. How it Works (The Circuit)
To use the MP1210-3-RV, a **burden resistor** ($R_b$) must be placed across the secondary terminals.
### The Formula:
The output voltage ($V_{out}$) is calculated as:
`V_out = (I_primary / N) * R_burden`
*Where N = Turns Ratio (e.g., 100)*
---
## 4. Common Applications
1. **Overload Protection:** Detecting if a motor or power supply is drawing too much current to trigger a shutdown.
2. **Current Monitoring:** Providing feedback to a microcontroller (via an ADC) to display real-time power usage.
3. **Switching Power Supplies:** Measuring the current in the primary side of a transformer to regulate the output voltage.
---
- ⤷
What is the maximum current rating for the MP1210-3-RV?
- ⤷ How do I calculate the correct burden resistor value for this transformer?
- ⤷ What are the advantages of using a current sense transformer over a shunt resistor?