MP1210-0-RX
AI

The **MP1210-0-RX** is a specialized electronic component, typically categorized as a **Near Field Communication (NFC) / Radio Frequency Identification (RFID) antenna coil**. Specifically, it is a high-performance receiving coil used in wireless power transfer and data communication systems.
---
## 1. Component Specifications
The MP1210-0-RX is designed to pick up electromagnetic signals or power from a transmitter (TX). Below are the typical technical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Wireless Charging / NFC Receiver Coil |
| **Inductance** | Approximately 10 µH to 12 µH (Standard for RX modules) |
| **Material** | Ferrite sheet with copper winding |
| **Operating Frequency** | 13.56 MHz (Standard NFC) or 100-200 kHz (Qi Wireless) |
| **Mounting Type** | Surface Mount (SMD) or Lead Wire |
| **Shielding** | Integrated Ferrite Plate (Prevents interference with battery/PCB) |
---
## 2. Internal Construction
The device consists of three primary layers that allow it to function efficiently:
### A. Copper Winding
The core of the part is a spiral-wound copper coil. The number of turns and the thickness of the wire determine the **inductance** and the **current-carrying capacity**.
### B. Ferrite Shielding
Attached to the back of the coil is a thin sheet of ferrite material. This serves two purposes:
1. **Flux Concentration:** It directs the magnetic field lines through the coil to maximize efficiency.
2. **EMI Protection:** It prevents the high-frequency magnetic field from inducing eddy currents in the device's battery or other sensitive metal components.
### C. Adhesive / Substrate
Usually, the "0-RX" variant includes a pressure-sensitive adhesive (PSA) for easy mounting onto the internal housing of a mobile device or a plastic enclosure.
---
## 3. Typical Applications
This part is commonly found in small-scale consumer electronics where space is limited but wireless connectivity or charging is required.
* **Wearable Technology:** Smartwatches and fitness trackers.
* **IoT Sensors:** Remote sensors that require periodic wireless charging.
* **NFC Communication:** Enabling "tap-to-pay" or data exchange between devices.
* **Medical Devices:** Sealed hearing aids or portable monitors that cannot have open charging ports.
---
## 4. Integration Logic
When designing a circuit with the MP1210-0-RX, the electronic workflow follows this path:
```mermaid
graph LR
A[TX Coil] -- Magnetic Field --> B(MP1210-0-RX Coil)
B --> C[Resonant Capacitor]
C --> D[Rectifier Bridge]
D --> E[Voltage Regulator]
E --> F[Battery/Load]
```
1. **Induction:** The coil captures the oscillating magnetic field.
2. **Resonance:** A capacitor is placed in parallel/series to tune the circuit to the specific frequency.
3. **Rectification:** The AC signal is converted to DC for use by the device.
- ⤷
What are the specific dimensions of the MP1210-0-RX coil?
- ⤷ Does this component support the Qi wireless charging standard?
- ⤷ How do I calculate the resonant capacitor value for this specific RX coil?