công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1202-5-RV

  • AI
    The **MP1202-5-RV** is a specific variant of the MP1202 series, which is a high-efficiency, step-down (buck) switching regulator. These modules are frequently used in industrial and automotive applications due to their integrated nature, which reduces the need for external components. ### 1. Key Technical Specifications The "5" in the part number typically denotes a fixed **5V output voltage**, while "RV" often refers to the package type or specific revision enhancements (such as vertical mounting or specific thermal ratings). | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 6.5V to 40V (approx.) | | **Output Voltage** | 5.0V DC | | **Output Current** | 2A (Continuous) | | **Switching Frequency** | ~500 kHz | | **Efficiency** | Up to 92% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Internal Parts Inside the MP1202-5-RV module, several critical electronic components are integrated into a single package: * **Integrated MOSFETs:** High-side and low-side power transistors that perform the high-speed switching to convert voltage. * **PWM Controller:** The "brain" of the chip that regulates the pulse width to maintain a steady 5V output despite changes in input voltage or load. * **Internal Inductor:** Unlike discrete buck converters, the "RV" modules often include the power inductor internally to minimize EMI (Electromagnetic Interference) and PCB footprint. * **Feedback Network:** Precision resistors that sense the output voltage and provide data to the controller for real-time adjustments. --- ### 3. Pin Configuration and Functionality The module generally utilizes a simplified pinout to facilitate easy integration: | Pin Name | Description | | :--- | :--- | | **VIN** | Unregulated Input Supply (e.g., 12V or 24V battery). | | **GND** | Common Ground for both input and output. | | **VOUT** | Regulated 5V Output. | | **EN (Enable)** | Logic level input to turn the regulator ON or OFF. | --- ### 4. Typical Application Circuit To use this part, very few external components are required. A standard implementation would look like this: ```cpp // Logic Representation of Connectivity [Input Source 12V] --> [10uF Capacitor] --> [VIN Pin] [GND] ---------------> [Common Ground] [VOUT Pin] ----------> [22uF Capacitor] --> [Output Load 5V] [EN Pin] ------------> [Pulled High to VIN for always-on] ``` ### 5. Features and Protections The MP1202-5-RV includes several safety "building blocks" to protect the electronic system: 1. **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit. 2. **Thermal Shutdown:** Turns the device off if the internal temperature exceeds safe limits (usually ~150°C). 3. **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to ensure a stable output. ---
    ✨ Follow-up Questions
    • What are the specific thermal management requirements for the MP1202-5-RV?
    • Can this module be used in automotive 24V systems safely?
    • How does the 'RV' package type differ from standard surface mount versions?