MP1202-3L-RX
AI

The **MP1202-3L-RX** refers to a high-performance, integrated magnetic sensor module, typically used in automotive and industrial applications for position sensing. It is part of the MagAlpha family designed by Monolithic Power Systems (MPS).
---
### ## Technical Specifications
The following table summarizes the key electronic characteristics of the MP1202-3L-RX:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Sensor Type** | Hall Effect (MagAlpha) | Detects the magnetic field of a rotating magnet. |
| **Resolution** | 12-bit | Provides 4096 positions per revolution. |
| **Supply Voltage (VDD)** | 3.3V (Typical) | Operates within standard low-voltage logic levels. |
| **Output Interface** | SPI / PWM / ABZ | Supports Serial Peripheral Interface and Incremental Encoder outputs. |
| **Sampling Rate** | Up to 1 MHz | High-speed tracking for fast-moving mechanical parts. |
| **Package** | QFN-16 (3x3mm) | Ultra-compact surface mount design. |
---
### ## Internal Architecture & Components
The MP1202 series integrates several critical electronic stages into a single silicon die:
1. **Hall Element Array**: A circular array of Hall plates that detect the orthogonal components of a magnetic field (Sine and Cosine).
2. **Analog Front-End (AFE)**: Amplifies the microvolt signals from the Hall sensors and filters out noise.
3. **CORDIC Processor**: A digital logic block that calculates the angle from the Sine/Cosine vectors using trigonometric algorithms.
4. **Non-Volatile Memory (NVM)**: Stores configuration settings, such as zero-point offset and magnetic field thresholds.
5. **Output Drivers**: Converts the calculated angle into digital protocols like SPI or pulse-width modulation (PWM).
---
### ## Operational Features
* **Side-Shaft & End-of-Shaft Support**: The MP1202 can detect magnets placed at the end of a motor shaft or along the side (off-axis).
* **Latency Control**: It features ultra-low latency (typically < 3µs), which is crucial for high-speed motor control loops.
* **Magnetic Field Strength Detection**: It includes a diagnostic feature to alert the system if the magnet is too far away or too close (magnetic field out of range).
---
### ## Typical Application Circuit
When designing a PCB for the MP1202-3L-RX, the following components are usually required:
```mermaid
graph LR
VCC(3.3V) -->|Decoupling Cap 100nF| VDD_Pin
GND --> VSS_Pin
Microcontroller <-->|SPI Bus| MP1202
Magnet -->|Flux| Hall_Array
```
* **Bypass Capacitors**: A 100nF ceramic capacitor is mandatory between VDD and GND to filter high-frequency noise.
* **Pull-up Resistors**: If using the SPI interface in a multi-slave environment, pull-up resistors on the MISO line may be required depending on the MCU.
---
- ⤷
What are the differences between the SPI and PWM output modes for this sensor?
- ⤷
How do I calibrate the zero-point offset in the MP1202?
- ⤷
What is the recommended magnet type and distance for optimal 12-bit accuracy?