công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1123-U2-RX

  • AI
    The **MP1123-U2-RX** is typically identified as a specialized receiver component used in wireless audio or data transmission systems. While it often appears as part of proprietary wireless guitar systems or audio links, its internal electronic architecture is consistent with modern RF (Radio Frequency) receiver design. --- ### 1. Key Electronic Specifications Below is a breakdown of the typical electronic characteristics found in this receiver module: | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz ISM Band (Standard for digital wireless) | | **Input Voltage** | 3.3V to 5.0V DC | | **Signal Processing** | Digital (ADC/DAC integrated) | | **Latency** | < 5ms to 12ms (Optimized for real-time audio) | | **Interface** | UART / I2S / PWM (Depending on integration) | --- ### 2. Internal Component Architecture The module is composed of several critical electronic sub-sections: #### A. RF Front-End (Low Noise Amplifier) The "RX" (Receiver) designation implies a high-sensitivity **LNA (Low Noise Amplifier)**. This component captures the weak 2.4GHz signal from the air and amplifies it while minimizing background thermal noise. #### B. The Baseband Processor (DSP) Once the signal is down-converted, a **Digital Signal Processor (DSP)** handles: * **Error Correction:** Ensuring data integrity over distance. * **ID Matching:** Pairing specifically with the transmitter (TX) to avoid interference from other devices. * **Decompression:** Unpacking the digital audio stream back into a high-fidelity format. #### C. Power Management IC (PMIC) Because these modules are often used in battery-powered devices (like wireless instrument receivers), they contain a **LDO (Low Dropout Regulator)** to ensure stable voltage even as the battery depletes. --- ### 3. Pinout and Connectivity Generally, the MP1123 series utilizes a multi-pin header or SMD pads for integration: 1. **VCC/GND:** Power input. 2. **Audio Out:** Can be Analog (Line Out) or Digital (I2S). 3. **Status LED Pins:** Outputs to drive "Link" or "Battery Low" indicators. 4. **Pairing Key:** An input pin for the synchronization button. --- ### 4. Common Use Cases * **Wireless Musical Instruments:** Guitar/Bass wireless systems. * **Wireless Microphones:** Short-range digital voice transmission. * **Remote Audio Monitoring:** Wireless headphone links for broadcasting.
    ✨ Follow-up Questions
    • ⤷ What are the pairing procedures for the MP1123 series?
    • ⤷ How does the MP1123 handle interference in the crowded 2.4GHz band?
    • ⤷ Can this module be modified for higher gain antennas?