công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1123-H-RX

  • AI
    The **MP1123-H-RX** is a high-efficiency, step-down (buck) switching voltage regulator module typically designed for industrial or automotive applications where space-saving and high performance are required. Below is a detailed breakdown of its technical characteristics and electronic composition. --- ### 1. Key Technical Specifications The MP1123 series is known for its synchronous rectification, which minimizes power loss compared to traditional diode-based regulators. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 24V (typical for MP1123 series) | | **Output Current** | Up to 3A Continuous | | **Switching Frequency** | 600kHz | | **Feedback Voltage** | 0.8V (High precision) | | **Package Type** | SOT23-6 or similar small-footprint SMD | | **Efficiency** | Up to 95% | --- ### 2. Internal Electronic Architecture The "RX" suffix often refers to specific packaging or tape-and-reel options, while the core "H" designation usually indicates a High-Voltage or High-Frequency variant. * **Synchronous Power MOSFETs:** It integrates both the high-side and low-side power switches. This eliminates the need for an external Schottky diode, reducing PCB heat and component count. * **Current Mode Control:** The chip uses peak current mode control for fast transient response and easy loop compensation. * **Protection Circuitry:** * **OTP (Over Temperature Protection):** Shuts down the device if it exceeds safe thermal limits. * **SCP (Short Circuit Protection):** Uses "hiccup mode" to protect the device during output shorts. * **OVP/UVP:** Over-voltage and Under-voltage protection for the input/output rails. --- ### 3. Application Circuit Components To use the MP1123-H-RX in a design, you typically require a few external passive components: 1. **Input Capacitor ($C_{IN}$):** Usually a $10\mu F$ to $22\mu F$ ceramic capacitor to filter input noise. 2. **Inductor ($L$):** Essential for energy storage; typically ranges from $2.2\mu H$ to $10\mu H$ depending on the desired output voltage. 3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple. 4. **Feedback Resistors ($R_1, R_2$):** A resistor divider network used to set the specific output voltage (e.g., setting it to 3.3V or 5V). --- ### 4. Typical Pinout Configuration (SOT23-6) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap; used to drive the high-side gate. | | 2 | **GND** | Ground reference. | | 3 | **FB** | Feedback input for voltage regulation. | | 4 | **EN** | Enable pin (High = On, Low = Off). | | 5 | **IN** | Supply Voltage input. | | 6 | **SW** | Switching node connected to the inductor. |
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the MP1123-H-RX at 3A load?
    • ⤷ Can you provide the formula for calculating the feedback resistors for a 5V output?
    • ⤷ How does 'Hiccup Mode' protect the MP1123 during a short circuit?