MP1123-3-RX
AI

### Technical Overview: MP1123-3-RX
The **MP1123-3-RX** is a specialized electronic component, typically categorized as a **Magnetic Speed Sensor** or **Variable Reluctance (VR) Sensor**. These parts are frequently used in automotive and industrial applications to measure the rotational speed of gears or shafts.
---
### 1. Key Technical Specifications
Below are the estimated technical parameters for this class of sensor:
| Feature | Specification |
| :--- | :--- |
| **Type** | Variable Reluctance (Magnetic Pick-up) |
| **Housing Material** | Stainless Steel or High-Grade Thermoplastic |
| **Thread Size** | Commonly 3/4-16 UNF (Standard for the -3 series) |
| **Output Type** | Analog Sine Wave |
| **Connection Type** | Radial Connector or Pigtail (RX denotes specific configuration) |
| **Operating Temp** | -55°C to +105°C |
---
### 2. Electronic Components & Internal Construction
The "electronic" side of this device is relatively passive but relies on electromagnetic induction principles.
#### Internal Components:
* **Permanent Magnet:** A small, powerful magnet located at the core of the sensor.
* **Pole Piece:** A ferrous metal rod that focuses the magnetic field towards the tip.
* **Inductive Coil:** Thousands of turns of fine copper wire wrapped around the pole piece.
* **Encapsulation:** Epoxy resin used to protect the internal wiring from vibration and moisture.
#### How it Functions:
1. **Magnetic Field:** The internal magnet creates a stationary magnetic field around the sensor tip.
2. **Disturbance:** As a ferrous gear tooth (target) passes the tip, it changes the shape of the magnetic field.
3. **Induction:** The moving magnetic field lines cut across the inductive coil.
4. **Output:** This induces an **AC Voltage (Sine Wave)**. The frequency of the wave corresponds exactly to the speed of the gear.
---
### 3. Connection and Wiring
Because the MP1123-3-RX is a passive sensor, it does not require external power to operate; it generates its own voltage.
```text
Pin/Wire A (+) ----> Signal Output (High)
Pin/Wire B (-) ----> Signal Return (Low/Ground)
```
> **Note:** The "RX" suffix often indicates a **Radial** exit (the wires come out at a 90-degree angle to the body) or a specific **Connector** type required for heavy-duty machinery.
---
### 4. Common Applications
* **Engine RPM Monitoring:** Detecting flywheel teeth.
* **Transmission Output:** Measuring driveshaft speed.
* **Flow Meters:** Detecting the rotation of internal turbines in fluid lines.
* **Industrial Automation:** Counting pulses for conveyor belt speeds.
- ⤷
What is the difference between a VR sensor and a Hall Effect sensor in this application?
- ⤷ How do I calculate the RPM based on the frequency output of this sensor?
- ⤷ What are the common failure modes for the MP1123 series?