công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1112-U3-RV

  • AI
    The **MP1112-U3-RV** is a specialized electronic component primarily utilized in telecommunications and networking hardware. It belongs to a category of integrated magnetic modules, specifically serving as a **LAN Transformer** or **Magnetic Jack/Discrete Component**. Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. General Specifications This part is designed to handle Ethernet signal conditioning, isolation, and EMI (Electromagnetic Interference) suppression. | Feature | Specification | | :--- | :--- | | **Component Type** | LAN Magnetic Module / Transformer | | **Port Configuration** | Single Port (Typically) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Internal Electronic Structure The MP1112-U3-RV is not a single silicon chip; it is a module containing several passive inductive elements: * **Isolation Transformers:** Wound ferrite cores that provide 1500Vrms isolation between the input and output. This protects the PHY (Physical Layer) chip from voltage spikes on the network cable. * **Common Mode Chokes (CMC):** These are used to filter out high-frequency noise that is common to both signal lines, ensuring signal integrity and FCC compliance. * **Auto-Transformer / Center Taps:** Used to provide a DC path for Power over Ethernet (PoE) if the specific sub-model supports it, or simply to bias the signals for the PHY chip. --- ### 3. Key Performance Parameters When analyzing the datasheet for this part, the following electrical values are critical: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Turn Ratio** | 1CT:1CT | The ratio of primary to secondary windings. | | **Insertion Loss** | -1.1 dB Max | Power lost during signal transmission (lower is better). | | **Return Loss** | -18 dB Min | Measure of signal reflection due to impedance mismatch. | | **Crosstalk** | -35 dB Min | Unwanted signal leakage between different wire pairs. | | **Hipot Isolation** | 1500 Vrms | The dielectric breakdown voltage limit. | --- ### 4. Application Areas The MP1112-U3-RV is commonly found in the following devices: 1. **Network Switches/Routers:** To interface between the controller and the RJ45 port. 2. **Industrial PCs:** Providing robust networking in noisy environments. 3. **Set-Top Boxes:** For high-speed internet connectivity. 4. **IoT Gateways:** Ensuring isolated data transmission. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and footprint of the MP1112-U3-RV?
    • ⤷ Does this specific model support Power over Ethernet (PoE)?
    • ⤷ Who is the primary manufacturer of the MP1112 series?