công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP1112-E-RX

  • AI
    The **MP1112-E-RX** is a high-performance integrated circuit (IC) primarily used in advanced power management and communication systems. Below is a detailed breakdown of its electronic components, specifications, and functional characteristics. --- ## 1. Overview and Classification The MP1112 series belongs to the family of **Integrated Power Modules**. These parts are designed to combine high-frequency switching capabilities with protection circuits to minimize external component count. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Power Module | | **Package Type** | Surface Mount (SMD) | | **Common Application** | Networking, Telecom, and Industrial Power | | **Function** | Voltage Regulation / Signal Processing | --- ## 2. Key Electronic Characteristics The internal architecture of the MP1112-E-RX typically includes several critical sub-systems: ### A. Power MOSFETs The device integrates low $R_{DS(on)}$ (On-resistance) MOSFETs. This reduces heat dissipation and improves the efficiency of the power conversion process. ### B. Control Logic It contains a Pulse Width Modulation (PWM) controller. This logic block monitors the output voltage and adjusts the duty cycle of the internal switches to maintain stability under varying loads. ### C. Protection Circuitry To ensure reliability, the chip includes: * **Over-Current Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown:** Powers down the IC if internal temperatures exceed safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is within a functional range. --- ## 3. Pinout and Integration While specific pin configurations can vary by manufacturer variants, the "RX" designation often refers to a specific reel packaging or a receiver-end optimization in communication contexts. ### Typical Block Diagram Components 1. **VIN:** Input voltage supply. 2. **SW (Switch):** The output of the internal power switches connected to the external inductor. 3. **FB (Feedback):** Used to set the output voltage via a resistor divider. 4. **GND:** System ground reference. 5. **EN (Enable):** Logic input to turn the device on or off. --- ## 4. Engineering Considerations When designing with the MP1112-E-RX, engineers must prioritize the following: * **Thermal Pad Soldering:** The underside of the chip often has a thermal pad that must be soldered to a large ground plane to dissipate heat. * **Decoupling Capacitors:** High-frequency ceramic capacitors (X5R or X7R) should be placed as close to the VIN pin as possible to reduce noise. * **Inductor Selection:** The choice of inductor affects the ripple current and overall efficiency of the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage input and output ranges for the MP1112-E-RX?
    • ⤷ Can you provide a recommended PCB layout strategy for this module?
    • ⤷ What is the difference between the MP1112-E-RX and the standard MP1112?