MP1110-3-RX
AI

The **MP1110-3-RX** belongs to a specialized family of wireless power receiver modules, typically designed for small-scale induction applications like medical devices, wearables, or industrial sensors.
---
## 1. Core Functionality
The MP1110-3-RX acts as the "Receiver" (RX) side of a wireless power transfer system. It converts an alternating magnetic field (generated by a transmitter coil) back into stable DC electricity to power a device or charge a battery.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Wireless Power Receiver Module |
| **Input** | Inductive Magnetic Flux (via Coil) |
| **Output Voltage** | Typically regulated 5V DC (common for this series) |
| **Efficiency** | High-efficiency synchronous rectification |
| **Standard** | Often proprietary or Qi-compatible (depending on the specific revision) |
---
## 2. Main Electronic Stages
The module integrates several critical electronic stages into a small footprint:
### A. Resonant Tank Circuit
The module utilizes a specific **LC Resonant Circuit**. The external coil (L) and internal capacitors (C) are tuned to the specific frequency of the transmitter to maximize power transfer through magnetic resonance.
### B. Full-Bridge Synchronous Rectifier
Because the coil receives alternating current (AC), it must be converted to direct current (DC).
* Unlike standard diodes, this module uses **MOSFETs** for synchronous rectification to minimize heat and voltage drop.
### C. LDO / DC-DC Regulation
To ensure the output doesn't fluctuate with the distance of the coil, an internal Low-Dropout Regulator (LDO) or Buck converter stabilizes the voltage to a constant level (e.g., 5.0V).
### D. Communication Logic
It includes a logic controller that "talks" to the transmitter (TX) by modulating the load. It sends signals to:
* Identify itself.
* Request more or less power.
* Terminate power when the battery is full.
---
## 3. Pinout and Integration
While specific layouts can vary by manufacturer (often associated with brands like *Microsemi* or *NuCurrent*), the typical pin configuration includes:
```yaml
Pin 1: VOUT (Regulated DC Output)
Pin 2: GND (Common Ground)
Pin 3: COIL1 (Connection to Induction Coil)
Pin 4: COIL2 (Connection to Induction Coil)
Pin 5: ADAP (Optional: Sense pin for wired adapter override)
```
---
## 4. Application Use Cases
* **Medical Implants:** Hermetically sealed devices that cannot have charging ports.
* **IoT Sensors:** Devices in waterproof housings.
* **Wearables:** Smartwatches or fitness trackers requiring a small form factor.
- ⤷
What are the recommended coil dimensions for the MP1110-3-RX?
- ⤷ How does the module handle thermal protection during high-power transfer?
- ⤷ Can this module be used with a standard Qi wireless charging pad?