công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MP03633

  • AI
    The **MP03633** is a high-performance **Synchronous Step-Down (Buck) Converter** manufactured by Monolithic Power Systems (MPS). It is specifically designed for automotive and industrial applications where high efficiency and high input voltage stability are required. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4V to 36V | | **Output Current** | Up to 3A | | **Switching Frequency** | 200kHz to 2.2MHz (Adjustable) | | **Operating Temperature** | -40°C to +125°C | | **Control Mode** | Peak Current Mode Control | | **Package** | QFN or SOIC-8 (Variation dependent) | --- ### 2. Major Electronic Subsystems The internal architecture of the MP03633 consists of several critical electronic components integrated into a single silicon die: #### A. Power Stage (MOSFETs) The chip integrates both a **High-Side MOSFET** and a **Low-Side MOSFET**. * **Synchronous Rectification:** Unlike older buck converters that use a diode, the internal low-side MOSFET reduces power loss, leading to efficiencies often exceeding 90%. #### B. Feedback and Error Amplifier * **Feedback (FB) Pin:** Monitors the output voltage via a resistor divider. * **Error Amp:** Compares the FB voltage to an internal reference (typically 0.8V). If the output drops, the duty cycle increases to compensate. #### C. Pulse Width Modulation (PWM) Controller This is the "brain" of the chip. It determines how long the High-Side MOSFET stays open. It supports: * **Forced PWM Mode:** For low EMI. * **AAM (Advanced Asynchronous Modulation):** Increases efficiency during light-load conditions by skipping pulses. #### D. Protection Circuitry * **OCP (Over-Current Protection):** Uses cycle-by-cycle current sensing to prevent inductor saturation. * **OTP (Over-Temperature Protection):** Shuts down the device if the junction temperature exceeds ~150°C. * **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't attempt to start if the input voltage is too low to drive the internal gates reliably. --- ### 3. Application Circuit Example (Generic) To function, the MP03633 requires a few external passive components: ```c [Input DC] ----+----[C_in]----+---- (VIN Pin) | | +--------------+---- (EN Pin: Enable) (SW Pin) ------[Inductor]-----+----[Output DC] | +----[C_out]---- (GND) | +----[R_top]----+--- (FB Pin) | [R_bottom] | (GND) ``` --- ### 4. Why use the MP03633? 1. **EMI Reduction:** It features frequency spread spectrum (optional in some variants) to pass strict automotive noise standards. 2. **Compact Size:** The high switching frequency allows for very small external inductors and capacitors. 3. **Wide Input Range:** It can handle the "load dump" spikes common in 12V/24V vehicle systems.
    ✨ Follow-up Questions
    • ⤷ What are the recommended inductor values for a 5V output using the MP03633?
    • ⤷ How does the AAM mode improve efficiency at light loads?
    • ⤷ Is there an AEC-Q100 qualified version of this chip for automotive use?