công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MN1382-RTA

  • AI
    ## Overview of the MN1382-RTA The **MN1382-RTA** is a voltage detector integrated circuit (IC) manufactured by Panasonic. It is primarily used for monitoring power supply voltages and generating a reset signal for microprocessors or other logic circuits when the voltage drops below a specific threshold. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Voltage Detector / Reset IC | | **Detection Voltage ($V_{DET}$)** | 4.0V to 4.3V (Specific to 'R' rank) | | **Output Type** | CMOS Output | | **Package Type** | Mini-3P (SOT-23 equivalent) | | **Operating Voltage Range** | 1.0V to 10.0V | | **Typical Current Consumption** | 1.5 $\mu$A (Very Low Power) | --- ### Internal Functional Blocks The device consists of three main electronic components integrated into the silicon: 1. **Reference Voltage Source:** Provides a stable internal voltage to compare against the input. 2. **Voltage Comparator:** Compares the $V_{DD}$ (input voltage) against the reference. It includes **hysteresis** to prevent "chattering" (rapid switching) when the voltage is near the threshold. 3. **Output Driver:** A CMOS stage that provides a clean logic signal (High or Low) to the system controller. ### Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output signal | | 2 | **VDD** | Power supply input / Sense voltage | | 3 | **VSS** | Ground | --- ### Operating Logic The MN1382 series is designed to protect digital systems from unstable power conditions: * **Normal Condition:** When $V_{DD}$ is above the detection threshold, the **OUT** pin remains **High**. * **Low Voltage Condition:** When $V_{DD}$ falls below the threshold, the **OUT** pin drops to **Low** (Reset state). * **Recovery:** Once the voltage rises above the threshold (plus a small hysteresis amount), the **OUT** pin returns to **High**, allowing the microprocessor to start. ### Common Applications * **Microcomputer Reset:** Prevents code execution errors during brownouts. * **Battery Checkers:** Used to light an LED or trigger an alarm when a battery is low. * **Power Failure Detectors:** Notifies a system to save data to non-volatile memory before power is lost completely. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MN1382 and the MN1381 series?
    • ⤷ How does the hysteresis feature prevent circuit instability?
    • ⤷ Can the MN1382-RTA be used with a 3.3V logic system?