MMZ2012Y150B
AI

The **MMZ2012Y150B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is primarily used for noise suppression in electronic circuits by absorbing high-frequency interference and converting it into heat.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Part Number** | MMZ2012Y150B |
| **Impedance (at 100 MHz)** | 15 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.05 $\Omega$ |
| **Rated Current (Max)** | 1500 mA (1.5A) |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size (EIA)** | 0805 |
| **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) |
---
### 2. Functional Characteristics
* **Noise Absorption:** Unlike a standard inductor that reflects noise, this ferrite bead acts as a resistor at high frequencies, effectively dissipating electromagnetic interference (EMI).
* **Material Type (Y):** The "Y" designation refers to the specific material type used in the TDK MMZ series. Material Y is designed for general-purpose noise signals and offers a balanced frequency characteristic.
* **Multilayer Construction:** It is built using a multilayer process, which eliminates the need for wire winding, resulting in high reliability and a compact form factor.
---
### 3. Common Applications
This specific component is used in various electronic devices to ensure electromagnetic compatibility (EMC):
1. **Consumer Electronics:** Smartphones, tablets, and laptops to prevent high-frequency noise from internal clocks affecting other components.
2. **Power Lines:** Filtering low-voltage DC power lines to reduce ripple and noise.
3. **Data Lines:** Protecting high-speed signal lines (USB, HDMI) from EMI without distorting the signal shape significantly at lower frequencies.
---
### 4. Part Number Breakdown
```text
MMZ 2012 Y 150 B
| | | | |
| | | | +-- Internal Code/Packaging
| | | +----- Impedance (150 = 15 x 10^0 = 15 Ohms)
| | +-------- Material Type (General Purpose)
| +------------ Dimensions (2.0mm x 1.25mm)
+----------------- Series Name (Multilayer Chip Bead)
```
- ⤷What is the difference between the Y material and other TDK material types like S or D?
- ⤷ How does the impedance change as the signal frequency increases above 100MHz?
- ⤷ Can this bead be used in high-power automotive applications?