công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMZ2012S601A

  • AI
    ## Technical Overview of MMZ2012S601A The **MMZ2012S601A** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by TDK. It is primarily used for noise suppression in electronic circuits, specifically designed to filter electromagnetic interference (EMI) by dissipating high-frequency noise as heat. --- ### 1. Key Technical Specifications The performance of this component is defined by its impedance at a specific frequency (usually 100 MHz) and its physical dimensions. | Parameter | Value | | :--- | :--- | | **Impedance (at 100 MHz)** | 600 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.20 $\Omega$ | | **Rated Current (Max)** | 500 mA | | **Operating Temperature** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | | **Type** | Standard Type (S-material) | --- ### 2. Structural Composition The MMZ series utilizes a **multilayer internal structure**. Unlike a traditional wire-wound inductor, this part is built using: * **Ferrite Material:** A ceramic compound containing iron oxide. * **Internal Electrodes:** Stacked layers of conductive material (usually Silver). * **Terminal Plating:** Sn (Tin) plating over Ni (Nickel) for excellent solderability. --- ### 3. Functional Mechanism The "S" in the part number refers to the material frequency characteristics. The **S-material** is a general-purpose type that provides: 1. **Low Impedance at Low Frequencies:** Allows the desired signal (DC or low-speed data) to pass with minimal loss. 2. **High Impedance at High Frequencies:** As the frequency increases, the magnetic loss of the ferrite increases, effectively converting noise into heat energy. --- ### 4. Typical Applications Because of its 500mA rating and 600 $\Omega$ impedance, it is commonly found in: * **Consumer Electronics:** Smartphones, tablets, and PCs. * **Signal Lines:** Filtering noise on data lines to prevent interference with wireless signals. * **Power Lines:** Decoupling power supply circuits for low-power ICs. * **I/O Ports:** Reducing emissions from USB or HDMI interfaces. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **MMZ** | Multilayer Chip Bead Series | | **2012** | Dimensions (2.0mm x 1.25mm) | | **S** | Material Characteristic (Standard/General) | | **601** | Impedance Value (60 followed by 1 zero = 600 $\Omega$) | | **A** | Internal Code / Packaging |
    ✨ Follow-up Questions
    • ⤷ How does the 'S' material type compare to 'R' or 'Y' types in the MMZ series?
    • ⤷ What are the recommended soldering profiles for this 0805 ferrite bead?
    • ⤷ Can this component be used in high-speed automotive communication buses?