công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMZ2012R301A

  • AI
    The **MMZ2012R301A** is a Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is designed for noise suppression in electronic circuits by filtering out high-frequency electromagnetic interference (EMI). --- ### ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Series** | MMZ (Multilayer Chip Bead) | | **Case Size** | 2012 (Metric) / 0805 (Inch) | | **Dimensions** | 2.0mm x 1.25mm x 0.85mm | | **Impedance (at 100MHz)** | 300 $\Omega$ | | **Tolerance** | ±25% | | **Rated Current (max)** | 400 mA | | **DC Resistance (max)** | 0.20 $\Omega$ | | **Operating Temperature** | -55°C to +125°C | --- ### ## 2. Core Functional Principles The MMZ2012R301A acts as a **frequency-dependent resistor**. * **Low Frequencies:** It exhibits low impedance, allowing DC and low-frequency signals to pass through with minimal loss. * **High Frequencies:** The ferrite material dissipates high-frequency noise energy as heat. The "R" material internal to this part is optimized for standard noise levels across a wide frequency range. --- ### ## 3. Typical Applications This component is commonly used in general-purpose consumer electronics for EMI/EMC compliance. 1. **I/O Lines:** Filtering noise on signal lines to prevent interference with other components. 2. **Power Supply Decoupling:** Placed in series with power traces to prevent high-frequency noise from the power supply entering sensitive ICs. 3. **Peripheral Interfaces:** Used in USB, HDMI, or data bus lines to clean up signals. --- ### ## 4. Land Pattern (Footprint) Data When designing a PCB for this part, the following dimensions are typically used: ```markdown Recommended Pad Dimensions: - Width (X): 1.0 mm - Separation (G): 1.0 mm - Total Length (Z): 3.0 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' material and 'S' material in TDK chip beads?
    • ⤷ How does the rated current affect the impedance of the MMZ2012R301A?
    • ⤷ Can this ferrite bead be used for high-speed differential signal filtering?