MMBTA92G-AE3-R
AI

The **MMBTA92G-AE3-R** is a high-voltage PNP epitaxial silicon transistor commonly used in professional electronics for switching and amplification tasks requiring high tolerance for voltage.
### 1. General Overview
This part is a **PNP Bipolar Junction Transistor (BJT)**. It is designed specifically for high-voltage applications such as telephony, video output stages, and high-voltage switching power supplies.
---
### 2. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MMBTA92G-AE3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | -300 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -300 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V |
| **Collector Current (DC)** | $I_C$ | -500 | mA |
| **Power Dissipation** | $P_D$ | 350 | mW |
| **DC Current Gain** | $h_{FE}$ | 25 - 40 (min) | - |
| **Package Type** | SOT-23 | Surface Mount | - |
---
### 3. Part Number Breakdown
The suffixing in the part number often indicates specific manufacturing standards:
* **MMBTA92**: The base model (High Voltage PNP).
* **G**: Often indicates "Green" (Halogen-free and RoHS compliant).
* **AE3**: UTC (Unisonic Technologies) code for the **SOT-23** package.
* **R**: Typically stands for **Tape & Reel** packaging for automated assembly.
---
### 4. Typical Applications
Because of its high breakdown voltage (-300V), it is used in:
1. **Telecommunication Equipment**: Line switching and ring detection circuits.
2. **Video Displays**: Driver stages for CRT monitors or high-voltage gas discharge displays.
3. **Power Supplies**: High-voltage regulator circuits.
4. **Signal Inverters**: Shifting signal levels in high-voltage environments.
---
### 5. Implementation Example
In a simple switching circuit, the transistor is biased to control a high-voltage load.
```text
Basic PNP Switching Logic:
- Base LOW (relative to Emitter): Transistor ON (Current flows E -> C)
- Base HIGH (equal to Emitter): Transistor OFF
```
---
- ⤷
What is the NPN complementary pair for the MMBTA92?
- ⤷ How does the power dissipation change with ambient temperature?
- ⤷ Can this transistor be used for high-frequency RF applications?