công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMBTA13G-AE3-R

  • AI
    The **MMBTA13G-AE3-R** is an NPN Darlington transistor designed for applications requiring high current gain and low power consumption. It is commonly used in signal switching and amplification stages where space is at a premium. --- ### 1. Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CES}$ | 30 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 30 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 10 | V | | **Continuous Collector Current** | $I_C$ | 300 | mA | | **DC Current Gain** | $h_{FE}$ | 5,000 - 10,000 | Min/Max | | **Power Dissipation** | $P_D$ | 225 | mW | | **Package Type** | SOT-23 | Surface Mount | - | --- ### 2. Key Components & Architecture The MMBTA13G-AE3-R is a **Darlington Transistor**, meaning it contains two bipolar junction transistors (BJTs) connected in a configuration where the current amplified by the first transistor is amplified further by the second. * **High Gain:** The primary advantage is the exceptionally high $h_{FE}$ (current gain). This allows a very small input current from a microcontroller or sensor to drive a relatively large load. * **Package (SOT-23):** The "AE3" suffix typically refers to the SOT-23 package, which is a standard small-outline transistor package ideal for high-density PCB layouts. * **Halogen-Free (G):** The "G" in the part number often indicates that the component is "Green" or Halogen-free, adhering to environmental safety standards. --- ### 3. Pin Configuration The SOT-23 package has three pins: 1. **Base (B):** Receives the input signal to control the transistor. 2. **Emitter (E):** Usually connected to the ground (in a common-emitter setup). 3. **Collector (C):** Connected to the load being switched. --- ### 4. Typical Applications * **Relay Drivers:** Driving mechanical relays from low-power logic gates. * **LED Driving:** Switching high-brightness LEDs. * **Signal Buffering:** Used as a buffer between high-impedance sources and low-impedance loads. * **Touch Sensors:** Due to high sensitivity, it can be used in basic touch-switch circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between MMBTA13 and MMBTA14?
    • ⤷ How do I calculate the base resistor for this Darlington transistor?
    • ⤷ What are the thermal limitations of the SOT-23 package for this part?