MMBT4403-AL3-R
AI

## MMBT4403-AL3-R Electronic Component Overview
The **MMBT4403-AL3-R** is a high-speed, general-purpose **PNP Epitaxial Silicon Transistor** housed in a small surface-mount package. It is the PNP complement to the MMBT4401.
### 1. Key Specifications
The following table outlines the absolute maximum ratings and electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :---: | :---: | :---: |
| Collector-Base Voltage | $V_{CBO}$ | -40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -40 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -5.0 | V |
| Collector Current (DC) | $I_C$ | -600 | mA |
| Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 350 | mW |
| Junction Temperature | $T_j$ | 150 | $^\circ$C |
---
### 2. Physical and Ordering Information
* **Package Type:** SOT-23 (Small Outline Transistor).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Marking Code:** Usually denoted by a specific 2 or 3-character code (e.g., "2T").
* **RoHS Compliance:** The "-R" suffix typically indicates compliance with RoHS standards and lead-free termination.
---
### 3. Application Areas
The MMBT4403 is versatile and used primarily in low-power, high-speed switching and amplification circuits:
* **Switching:** Used as a digital switch to control small loads (LEDs, relays, or logic gates).
* **Amplification:** General-purpose audio or signal amplification where a PNP polarity is required.
* **Driver Circuits:** Acting as a pre-driver for power transistors.
---
### 4. Pin Configuration (SOT-23)
In a standard SOT-23 package, the pinout is typically structured as follows:
```text
(3) Collector
|
+-----+-----+
| |
| |
+---+---+---+
| |
(1) Base (2) Emitter
```
- ⤷
What is the difference between the MMBT4403 and its NPN complement
- ⤷ the MMBT4401?
- ⤷ Can this transistor be used in high-frequency RF applications?
- ⤷ What are the specific saturation voltage characteristics for this model?