công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMBT4401-AE3-R

  • AI
    ## Technical Overview of MMBT4401-AE3-R The **MMBT4401-AE3-R** is a widely used NPN epitaxial silicon transistor designed for general-purpose switching and amplification applications. It is the surface-mount (SMD) equivalent of the classic 2N4401 through-hole transistor. --- ### 1. Key Specifications and Characteristics The following table summarizes the primary electrical ratings for this component: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 40 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6.0 | V | | Collector Current (DC) | $I_C$ | 600 | mA | | Power Dissipation | $P_D$ | 350 | mW | | DC Current Gain | $h_{FE}$ | 100 - 300 (at 150mA) | - | | Transition Frequency | $f_T$ | 250 (Min) | MHz | --- ### 2. Physical Packaging and Part Number Decoding The suffix **"AE3-R"** provides specific information regarding the manufacturing and packaging standards: * **MMBT4401**: The base part number (NPN General Purpose Transistor). * **AE3**: Refers to the **SOT-23** package type (3-pin small outline transistor). * **R**: Typically indicates "Tape and Reel" packaging for automated pick-and-place assembly. --- ### 3. Pin Configuration (SOT-23) The device features three terminals arranged as follows: 1. **Pin 1 (Base):** Controls the current flow between the collector and emitter. 2. **Pin 2 (Emitter):** Usually connected to the common ground (in NPN configuration). 3. **Pin 3 (Collector):** The terminal connected to the load. --- ### 4. Typical Applications The MMBT4401 is highly versatile due to its fast switching speed and moderate current handling capabilities: * **Switching Circuits:** Driving LEDs, relays, and small DC motors where the current requirement is below 600mA. * **Signal Amplification:** Low-noise audio pre-amplification or signal conditioning. * **Logic Level Shifting:** Interfacing between different voltage domains in digital electronics. --- ### 5. Schematic Symbol (NPN) In a circuit diagram, the NPN transistor is represented with an arrow pointing outwards on the emitter: ```text (Collector) | |/ B ----| (Base) |\> | (Emitter) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between MMBT4401 and its PNP complement MMBT4403?
    • ⤷ How does the power dissipation of SOT-23 compare to the TO-92 version?
    • ⤷ What is the saturation voltage (Vce sat) for this transistor at 150mA?