MMBT3904-AL3-R
AI

The **MMBT3904-AL3-R** is a specific surface-mount version of the classic 2N3904 General Purpose Transistor. It is widely used in switching and amplification applications due to its versatility and high speed.
---
### 1. General Specifications
The device is an **NPN Epitaxial Silicon Transistor**. Below are the key electrical characteristics:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 60 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 40 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 6.0 | V |
| Collector Current (DC) | $I_C$ | 200 | mA |
| Total Power Dissipation | $P_D$ | 350 | mW |
| Junction Temperature | $T_J$ | 150 | °C |
---
### 2. Package and Part Number Breakdown
The "AL3-R" suffix typically refers to the specific packaging and tape-and-reel specifications from manufacturers like **UTC (Unisonic Technologies)**.
* **MMBT**: Indicates a Surface Mount (SMT) package (Small Outline Transistor).
* **3904**: The core NPN transistor type.
* **AL3**: Refers to the **SOT-23** package type.
* **R**: Generally signifies "Tape & Reel" packaging for automated assembly.
### 3. Key Performance Features
* **High DC Current Gain ($h_{FE}$):** Typically ranges from 100 to 300, making it efficient for small signal amplification.
* **Fast Switching:** It has a high transition frequency ($f_T$) of approximately 300 MHz, allowing it to be used in high-frequency pulse applications.
* **Low Saturation Voltage:** $V_{CE(sat)}$ is usually less than 0.3V at $I_C = 50mA$, minimizing power loss when the transistor is fully "ON."
---
### 4. Typical Applications
Because of its small footprint (SOT-23) and reliable performance, it is found in:
1. **Signal Logic Gates:** Used to invert signals or create basic logic circuits.
2. **LED Driving:** Switching small indicator LEDs on and off.
3. **Relay Driving:** Acting as a switch for small DC relays.
4. **Audio Preamplification:** Boosting low-level signals before further processing.
### 5. Pinout Configuration (SOT-23)
```text
[ 3 ] <-- Collector
/ \
[ 1 ] --- [ 2 ]
^ ^
Base Emitter
```
---
- ⤷What is the complementary PNP transistor for the MMBT3904?
- ⤷ How does the SOT-23 power dissipation compare to the TO-92 version?
- ⤷ Can this transistor be used for PWM motor control?