công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMBT2907AL-AL3-R

  • AI
    ## MMBT2907AL-AL3-R: Technical Overview The **MMBT2907AL-AL3-R** is a high-speed switching PNP bipolar junction transistor (BJT) housed in a small surface-mount package. It is the PNP complement to the MMBT2222A. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | **Collector-Emitter Voltage** | $V_{CEO}$ | -60 | V | | **Collector-Base Voltage** | $V_{CBO}$ | -60 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V | | **Continuous Collector Current** | $I_C$ | -600 | mA | | **Power Dissipation** ($T_a = 25^\circ C$) | $P_D$ | 225 | mW | | **DC Current Gain** ($h_{FE}$) | $h_{FE}$ | 100 - 300 | - | | **Transition Frequency** | $f_T$ | 200 (Min) | MHz | --- ### 2. Physical and Packaging Details The suffix "AL3-R" typically refers to the specific manufacturer's packaging and taping style (often UTC - Unisonic Technologies). * **Package Type:** SOT-23 (Small Outline Transistor) * **Mounting Type:** Surface Mount (SMD/SMT) * **Lead Finish:** Lead-free / RoHS Compliant * **Pin Configuration:** 1. **Base** 2. **Emitter** 3. **Collector** --- ### 3. Core Applications Due to its high switching speed and moderate current handling, this part is used in: * **Signal Switching:** High-speed logic switching circuits. * **Amplification:** Low-power audio or RF amplification. * **Driver Circuits:** Driving small relays, LEDs, or acting as a level shifter in power management. --- ### 4. Implementation Example In a simple switching circuit, the PNP transistor is used to control a load connected to the ground when the base is pulled low. ```c // Concept: PNP High-Side Switch // Input: Low (0V) -> Transistor ON -> Load Powered // Input: High (Vcc) -> Transistor OFF -> Load Unpowered [Vcc] ----+---- [Emitter (Pin 2)] | +---- [Collector (Pin 3)] ---- [Load] ---- [GND] | [Signal]--[Resistor]-- [Base (Pin 1)] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the NPN complementary part number for the MMBT2907A?
    • ⤷ How does the power dissipation change with ambient temperature?
    • ⤷ What are the specific soldering profile requirements for the SOT-23 package?