công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MMBT1815-X-AL3-R

  • AI
    ## MMBT1815-X-AL3-R Component Analysis The **MMBT1815-X-AL3-R** is a high-performance, general-purpose NPN epitaxial silicon transistor. It is the surface-mount (SMD) version of the classic through-hole 2SC1815 transistor, commonly used for low-frequency amplification and switching applications. --- ### 1. Key Technical Specifications | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 150 | mA | | Total Power Dissipation | $P_D$ | 225 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Part Number Breakdown Understanding the suffix nomenclature is crucial for identifying specific variations: * **MMBT1815**: The base model number (SMD NPN Transistor). * **X**: This usually represents the **hFE (Current Gain) Group**. Common groupings are: * **O (Orange):** 70 ~ 140 * **Y (Yellow):** 120 ~ 240 * **GR (Green):** 200 ~ 400 * **L (Blue):** 350 ~ 700 * **AL3**: Refers to the package type, typically **SOT-23**. * **R**: Indicates the packaging method, usually **Tape & Reel**. --- ### 3. Physical Attributes & Pinout The device is housed in a small **SOT-23** plastic package, making it ideal for space-constrained PCB designs. ```text SOT-23 Top View _______ (B) | 3 | ----| |---- | 1 2 | ------------- (E) (C) 1: Emitter | 2: Collector | 3: Base ``` --- ### 4. Typical Applications * **Small Signal Amplification**: Used in audio pre-amplifiers and signal processing circuits due to its high linearity and low noise profile. * **Switching**: Acts as a digital switch for driving LEDs, small relays, or logic level shifting. * **Constant Current Sources**: Often utilized in biasing circuits. --- ### 5. Features 1. **High $h_{FE}$ Linearity**: Ensures consistent gain across a range of collector currents. 2. **Low Noise**: Suitable for sensitive analog input stages. 3. **Complementary Pair**: Often paired with the **MMBT1015** (PNP) for push-pull amplifier designs.
    ✨ Follow-up Questions
    • ⤷ What are the differences in hFE ratings between the O
    • ⤷ Y
    • ⤷ and GR classifications?
    • ⤷ Can this transistor be used for high-frequency RF applications?
    • ⤷ What is the complementary PNP part number for the MMBT1815?